74ACT05
AI

## Overview of the 74ACT05 IC
The **74ACT05** is a high-speed CMOS device featuring **six independent hex inverters** with **open-drain outputs**. It belongs to the "ACT" logic family, which means it is Advanced CMOS technology with TTL-compatible inputs.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Function** | Hex Inverter (NOT Gate) |
| **Output Type** | Open-Drain |
| **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V |
| **Input Logic Levels** | TTL Compatible ($V_{IL} \le 0.8V, V_{IH} \ge 2.0V$) |
| **Output Sink Current ($I_{OL}$)** | 24 mA |
| **Propagation Delay** | ~5.0 ns (typical) |
| **Operating Temperature** | -40°C to +85°C |
---
### Internal Structure and Pinout
The 74ACT05 contains six individual circuits. Because it is **open-drain**, the output transistor can only pull the signal to Ground (LOW). To achieve a HIGH state, an external pull-up resistor must be connected to the output.
#### Pin Configuration (14-Pin DIP/SOIC)
1. **1A** - Input 1
2. **1Y** - Output 1
3. **2A** - Input 2
4. **2Y** - Output 2
5. **3A** - Input 3
6. **3Y** - Output 3
7. **GND** - Ground
8. **4Y** - Output 4
9. **4A** - Input 4
10. **5Y** - Output 5
11. **5A** - Input 5
12. **6Y** - Output 6
13. **6A** - Input 6
14. **$V_{CC}$** - Power Supply
---
### Distinctive Features
* **Open-Drain Outputs:** This allows for "wired-AND" logic. Multiple outputs can be connected to a single pull-up resistor. If any inverter output goes LOW, the entire line goes LOW.
* **Voltage Level Shifting:** Since the output is open-drain, you can pull the output to a different voltage level (e.g., pulling a 5V logic signal up to 12V), provided it stays within the breakdown limits of the chip.
* **High Speed:** Being part of the ACT family, it offers speeds comparable to the 74F (Fast) bipolar series while consuming significantly less power.
### Truth Table
| Input (A) | Output (Y) | Resulting State |
| :--- | :--- | :--- |
| Low (L) | Z (High Impedance) | Floating (Requires Pull-up to be High) |
| High (H) | Low (L) | Sinks current to Ground |
---
### Common Applications
* **Level Shifters:** Converting between different logic voltage domains.
* **LED Drivers:** Sinking current to turn on LEDs.
* **Bus Buffers:** Driving signals on a shared communication line.
* **Logic Inversion:** Standard NOT gate functionality in high-speed systems.
- ⤷What is the difference between the 74ACT05 and the 74ACT04?
- ⤷ How do I calculate the correct value for the pull-up resistor used with this IC?
- ⤷ Can the 74ACT05 be used to drive a small DC motor?