Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 74ACT05M

  • AI
    ## Technical Overview: 74ACT05M The **74ACT05M** is a high-speed CMOS device featuring **six independent inverters with open-drain outputs**. It is part of the "ACT" logic family, which is specifically designed to be TTL-compatible while maintaining the low power consumption of CMOS technology. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | ACT (Advanced CMOS, TTL-compatible) | | **Logic Function** | Hex Inverter (6 Gates) | | **Output Type** | Open-Drain | | **Supply Voltage (Vcc)** | 4.5V to 5.5V | | **Input Threshold** | TTL Compatible | | **Operating Temperature** | -40°C to +85°C (usually) | | **Package Type** | SOIC-14 (indicated by the 'M' suffix) | --- ### 2. Core Functional Features * **Open-Drain Outputs:** Unlike standard "Push-Pull" outputs, an open-drain output can only pull the signal to Ground (LOW). To achieve a HIGH state, an external **pull-up resistor** is required. * **Wired-AND Capability:** Multiple open-drain outputs can be connected together to a single pull-up resistor. If any one output goes LOW, the entire line goes LOW. This is often used for interrupt lines or shared buses. * **Level Shifting:** Since the output is open-drain, it can be pulled up to a voltage different from Vcc (e.g., pulled up to 12V while the chip runs on 5V), allowing for easy interface between different voltage domains. * **TTL Compatibility:** The "ACT" designation means the input logic levels ($V_{IL}$ and $V_{IH}$) are compatible with standard TTL devices, making it an ideal drop-in replacement for older bipolar logic in modern systems. --- ### 3. Pin Configuration (SOIC-14) The 74ACT05M typically follows the standard hex-inverter pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 3, 5, 9, 11, 13 | **An** | Data Inputs (1-6) | | 2, 4, 6, 8, 10, 12 | **Yn** | Open-Drain Outputs (1-6) | | 7 | **GND** | Ground (0V) | | 14 | **Vcc** | Supply Voltage (+5V) | --- ### 4. Typical Applications 1. **LED Drivers:** Sinking current to turn on LEDs. 2. **Bus Interfacing:** Creating "Wired-OR" or "Wired-AND" logic structures. 3. **Voltage Level Translation:** Driving high-voltage loads from low-voltage logic. 4. **Signal Inversion:** Simple logic inversion where open-collector/drain behavior is preferred. ---
    ✨ Follow-up Questions
    • ⤷ How do you calculate the appropriate value for the external pull-up resistor for the 74ACT05M?
    • ⤷ What are the primary differences between the 74ACT05 and the 74HC05?
    • ⤷ Can the 74ACT05M be used to drive a relay directly?