Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 74ACT715-RSC

  • AI
    ## Technical Overview of the 74ACT715-RSC The **74ACT715-RSC** is a specialized Integrated Circuit (IC) designed as a **Programmable Video Sync Generator**. It is primarily used in video systems to synchronize various timing components, ensuring that video signals are processed and displayed correctly. --- ### 1. Key Features and Specifications The device is part of the "ACT" (Advanced CMOS with TTL-compatible inputs) family. Below are the primary technical specifications: | Feature | Specification | |:---|:---| | **Function** | Programmable Video Sync Generator | | **Technology** | CMOS (Advanced CMOS Technology) | | **Operating Voltage (Vcc)** | 4.5V to 5.5V | | **Package Type** | SSOP-20 (Shrink Small Outline Package) | | **Maximum Frequency** | Up to 130 MHz (Typical) | | **Logic Family** | ACT (TTL Compatible Inputs) | | **Sync Formats** | Supports Interlaced and Non-Interlaced video | --- ### 2. Functional Description The 74ACT715-RSC acts as the "brain" for video timing. It generates the necessary signals to control how an image is drawn on a screen. #### Core Signals Generated: * **HSYNC (Horizontal Sync):** Tells the display when to start a new horizontal line. * **VSYNC (Vertical Sync):** Tells the display when to start a new frame (vertical refresh). * **BLANKING:** Signals the period where the electron beam (or pixel data) should be turned off during the transition between lines or frames. * **Composite Sync:** A combination of HSYNC and VSYNC on a single wire. #### Programmability Unlike fixed sync generators, the "R" in the series often denotes the ability to handle different resolutions (VGA, SVGA, XGA) by programming the internal counters via a microprocessor interface or pin configuration. --- ### 3. Pin Configuration (Common 20-Pin SSOP) The pins are generally categorized into the following groups: | Pin Group | Function | |:---|:---| | **Clock Input (CLK)** | The master timing source for the IC. | | **Data/Control Pins** | Used to load the timing parameters into internal registers. | | **Sync Outputs** | HSYNC, VSYNC, CSYNC, and BLANK pins. | | **Power (VCC/GND)** | Power supply and ground reference. | --- ### 4. Applications This part is commonly found in legacy and specialized video hardware: * **Graphics Cards:** Generating timing for VGA/SVGA outputs. * **Video Conversion Boxes:** Converting digital signals to analog video formats. * **Industrial Monitors:** Custom timing for non-standard display resolutions. * **Broadcast Equipment:** Synchronizing multiple video sources (Genlock). --- ### 5. Implementation Example Below is a conceptual logic flow for initializing the chip: ```c // Pseudo-code for initializing a sync generator via a microcontroller void setup_video_timing() { // 1. Set the Master Clock (e.g., 25.175 MHz for 640x480) set_clock_source(OSC_EXT); // 2. Program Horizontal Parameters (Front Porch, Pulse Width, Back Porch) write_register(REG_HSYNC, H_TOTAL_640); // 3. Program Vertical Parameters write_register(REG_VSYNC, V_TOTAL_480); // 4. Enable Outputs set_pin_high(SYNC_ENABLE); } ```
    ✨ Follow-up Questions
    • ⤷What are the specific differences between the 74ACT715 and the 74ACT715-R variant?
    • ⤷ Can this IC be used to generate signals for modern HDMI displays?
    • ⤷ What is the power consumption profile of this IC during high-frequency operation?