Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 74FST3383

  • AI
    ## Overview of the 74FST3383 The **74FST3383** is a high-performance **10-bit Bus Exchange Switch** designed using low-voltage CMOS technology. It is primarily used for high-speed switching and signal routing between two buses. --- ### 1. Key Technical Specifications | Parameter | Value | | :--- | :--- | | **Logic Family** | FST (Bus Switch) | | **Operating Voltage (Vcc)** | 4.0V to 5.5V | | **Number of Bits** | 10-bit (arranged as 5-bit pairs) | | **Propagation Delay** | < 0.25 ns (nearly zero) | | **On-Resistance (Ron)** | ~5 $\Omega$ (Typical) | | **I/O Support** | TTL-Compatible Inputs | --- ### 2. Pin Functions and Internal Logic The device acts as a set of NMOS pass transistors. When the switch is enabled, it provides a low-resistance path between ports. #### Pin Categories: * **A0–A9:** Port A Data I/O. * **B0–B9:** Port B Data I/O. * **$\overline{BE}$ (Bus Enable):** Active-low signal to enable the switches. * **SEL (Select):** Controls the exchange/routing logic. #### Function Table: | $\overline{BE}$ | SEL | Mode | Function | | :---: | :---: | :---: | :--- | | L | L | Connect | A port to B port (A0=B0, A1=B1...) | | L | H | Exchange | A port to B port swapped (A0=B1, A1=B0...) | | H | X | Disconnect | High-Impedance (Isolation) | --- ### 3. Key Electronic Characteristics 1. **Zero Propagation Delay:** Because it uses a pass-transistor design rather than a buffer/driver, it does not add significant timing delays (skew) to the signal. 2. **Bi-directional Flow:** Since the switch is a physical metal-oxide-semiconductor path, data can flow from A to B or B to A with no directional control pins needed. 3. **Hot Insertion:** These chips are often designed to support "hot-swapping," meaning they can handle signals at the I/O pins even when the Vcc is at 0V without damaging the part. 4. **Low Power Consumption:** As a CMOS device, it consumes minimal static power, making it ideal for battery-operated or thermally sensitive systems. --- ### 4. Common Applications * **Memory Bank Switching:** Swapping between different banks of SDRAM or Flash memory. * **Bus Isolation:** Isolating a faulty or inactive segment of a computer bus to reduce capacitive loading. * **Signal Level Shifting:** Used in a limited capacity to interface 5V signals to 3.3V logic (due to the NMOS voltage drop). * **Crossbar Switching:** Routing data between two different processors or peripherals. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 74FST3383 and a standard 74HC245 buffer?
    • ⤷ How does the 'On-Resistance' affect signal integrity in high-speed designs?
    • ⤷ Can this chip be used for bidirectional 3.3V to 5V level translation?