74FST3384DWR2
AI

### Overview of the 74FST3384DWR2
The **74FST3384DWR2** is a high-speed CMOS 10-bit bus switch. It is designed for high-speed switching applications and provides a low-resistance connection between two ports, allowing signals to pass with minimal propagation delay and without adding significant noise or distortion.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Logic Family** | FST (Fast Switch Technology) |
| **Switch Type** | 10-Bit Bus Switch |
| **Configuration** | Two 5-bit sections (Dual 5-bit) |
| **Operating Voltage ($V_{CC}$)** | 4.0V to 5.5V |
| **Propagation Delay** | 0.25 ns (Maximum) |
| **On-State Resistance ($R_{on}$)** | ~4 $\Omega$ to 8 $\Omega$ |
| **Package Type** | SOIC-24 (Wide) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### Pin Configuration & Functionality
The device consists of ten independent switches arranged in two groups of five. Each group is controlled by an active-low Output Enable ($\overline{OE}$) signal.
* **1$\overline{OE}$, 2$\overline{OE}$:** Control inputs. When LOW, the switches are ON (closed). When HIGH, the switches are OFF (high-impedance).
* **A0–A9:** Port A inputs/outputs.
* **B0–B9:** Port B inputs/outputs.
#### Logic Truth Table
| $\overline{OE}$ | State |
| :--- | :--- |
| **L** | Port A = Port B (Connected) |
| **H** | Disconnected (High-Z) |
---
### Core Applications
1. **Bus Isolation:** Used to isolate different sections of a data bus to prevent loading when certain peripherals are not in use.
2. **Voltage Level Shifting:** Can be used for 5V to 3.3V translation (when using a diode or specific $V_{CC}$ biasing).
3. **Hot-Plugging:** Protects sensitive components during live insertion of hardware.
4. **Memory Interfacing:** Facilitates high-speed communication between CPUs and memory modules.
---
### Technical Advantages
* **Zero Propagation Delay:** Because it acts as a mechanical switch (but electronic), it adds virtually no timing overhead to the system.
* **Low Power Consumption:** Being a CMOS device, it consumes very little static power.
* **Undershoot Protection:** It includes circuitry to handle negative signal transitions, preventing latch-up.
- ⤷
How does the 74FST3384 differ from a standard 74HC245 buffer?
- ⤷ Can this device be used for bi-directional data flow?
- ⤷ What are the thermal considerations for the SOIC-24 package in high-speed designs?