74LVC1G53_08
AI

The **74LVC1G53** is a high-performance, low-voltage CMOS device that functions as a **2-channel analog multiplexer/demultiplexer**. It acts essentially as a Single-Pole Double-Throw (SPDT) switch, allowing one common terminal to connect to one of two independent terminals.
---
### ## Technical Specifications
Below are the key electrical characteristics of the 74LVC1G53:
| Parameter | Specification |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 1.65 V to 5.5 V |
| **On-state Resistance ($R_{on}$)** | ~6.0 $\Omega$ (at Vcc = 4.5 V) |
| **Switching Current** | Up to 32 mA |
| **Propagation Delay** | Max 0.8 ns (at Vcc = 3.3 V) |
| **Input Logic Threshold** | TTL Compatible (at 3.3 V) |
| **Operating Temperature** | -40°C to +125°C |
---
### ## Functional Pin Description
The device typically comes in small-form factor packages like VSSOP8 or SOT505-2. The "08" in your query often refers to the 8-pin configuration.
1. **Y0, Y1**: Independent input/output terminals.
2. **Z**: Common terminal (connected to Y0 or Y1).
3. **S (Select)**: Digital input that chooses the path.
4. **$\bar{E}$ (Enable)**: Active LOW input. When HIGH, all switches are off (high impedance).
5. **GND / Vcc**: Power supply pins.
### ### Truth Table
| Enable ($\bar{E}$) | Select (S) | Active Channel |
| :---: | :---: | :--- |
| L | L | Z to Y0 |
| L | H | Z to Y1 |
| H | X | Disconnected (High-Z) |
---
### ## Key Features & Applications
#### **Key Features**
* **Very Low On-Resistance:** Minimizes signal distortion and insertion loss.
* **"OFF-isolation":** High isolation between channels when the switch is open.
* **Break-Before-Make:** Ensures that the two channels are never shorted together during switching.
* **Overvoltage Tolerant:** Control inputs can handle up to 5.5 V regardless of Vcc.
#### **Common Applications**
* **Signal Routing:** Switching between two different audio or analog sensor signals.
* **Multiplexing:** Using one ADC (Analog-to-Digital Converter) pin to read two different sensors.
* **Communication Systems:** Switching between different clock sources or data lines in mobile devices.
* **Industrial Control:** Low-power handheld tools and instrumentation.
---
- ⤷
What is the difference between the 74LVC1G53 and the 74HC4053?
- ⤷ How does 'Break-Before-Make' protect the circuit during switching?
- ⤷ What are the recommended decoupling capacitor values for this IC?