75117-0118..
AI

The part number **75117-0118** refers to a specific high-density connector component manufactured by **Molex**. It belongs to the **VHDM-H-Series** (Very High Density Metric) backplane connector family.
### Technical Overview
This component is an interface header typically used in telecommunications and data networking equipment to connect daughtercards to a backplane (motherboard).
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Molex |
| **Product Family** | VHDM-H-Series (High Speed) |
| **Component Type** | PCB Header (Pin Side) |
| **Number of Columns** | 10 Columns |
| **Number of Rows** | 8 Rows |
| **Total Pins** | 80 Circuits |
| **Pitch (Interface)** | 2.00 mm |
| **Termination Style** | Through Hole - Press-Fit (Compliant Pin) |
| **Plating** | Gold (mating side), Tin (termination side) |
---
### Electronic and Mechanical Characteristics
#### 1. Signal Integrity
The VHDM-H-Series is designed for high-speed signal applications. The "H" denotes the high-speed version, which includes integrated shielding to minimize crosstalk and manage electromagnetic interference (EMI) at high data rates.
#### 2. Press-Fit Technology
The pins use "eye-of-the-needle" compliant pin technology. This allows the connector to be pressed into the PCB without soldering, ensuring:
* Reliable electrical contact.
* Easier maintenance/replacement of the backplane.
* Reduced thermal stress on the board compared to wave soldering.
#### 3. High Density
By utilizing an 8-row, 10-column grid, this part allows for high-density interconnects in a very small footprint, which is essential for modern server rack architecture.
---
### Common Applications
* **Networking:** Routers, switches, and hubs.
* **Computing:** High-end servers and storage area networks (SANs).
* **Telecommunications:** Cellular base stations and central office switching equipment.
- ⤷
What is the maximum data rate supported by the VHDM-H series?
- ⤷ Are there specific tools required for the press-fit installation of this connector?
- ⤷ What is the difference between the VHDM and VHDM-H series?