75185-P20-R
AI

The part number **75185-P20-R** typically refers to a high-speed integrated circuit designed for serial communication, most commonly known as a **Multiple RS-232 Driver and Receiver**. This specific IC is widely used to interface between Data Terminal Equipment (DTE) and Data Circuit-terminating Equipment (DCE).
---
### 1. General Specifications
The 75185 series is designed to comply with the EIA/TIA-232-E standard. It combines multiple drivers and receivers into a single package to save board space.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RS-232 Transceiver (Driver/Receiver) |
| **Driver Count** | 3 Drivers |
| **Receiver Count** | 5 Receivers |
| **Data Rate** | Up to 120 kbps (standard) |
| **Supply Voltage (Vcc)** | 4.5V to 5.5V |
| **Positive Supply (Vdd)** | 7.5V to 15V |
| **Negative Supply (Vss)** | -7.5V to -15V |
| **Package Style** | TSSOP-20 (Thin Shrink Small Outline Package) |
---
### 2. Functional Description
The device serves as a voltage level translator. It converts the low-voltage TTL/CMOS logic signals from a microcontroller or UART into the high-voltage bipolar signals required by the RS-232 standard.
* **Drivers (Transmitters):** These take TTL/CMOS inputs and convert them to RS-232 levels (typically ±9V). They feature current-limiting outputs to protect against short circuits.
* **Receivers:** These take RS-232 input levels and convert them back to 5V TTL/CMOS logic. They usually include hysteresis to provide noise immunity.
---
### 3. Pinout Configuration (20-Pin)
The "P20" in the part number indicates a 20-pin configuration. Below is a generalized breakdown of the pin assignments:
| Pin Category | Description |
| :--- | :--- |
| **Vcc / GND** | Logic power supply and ground. |
| **Vdd / Vss** | Positive and negative power rails for RS-232 voltage levels. |
| **Driver Inputs (DY)** | TTL/CMOS signal inputs from the controller. |
| **Driver Outputs (DA)** | RS-232 signal outputs to the DB9/DB25 connector. |
| **Receiver Inputs (RA)** | RS-232 signal inputs from the external device. |
| **Receiver Outputs (RY)** | TTL/CMOS signal outputs to the controller. |
---
### 4. Part Number Suffix Breakdown
* **75185:** The core functional family (Multiple RS-232 Transceiver).
* **P20:** Indicates the pin count (20 pins).
* **R:** Usually denotes **Tape and Reel** packaging for automated surface-mount assembly (SMT).
---
### 5. Common Applications
* **Desktop PCs:** Older motherboard COM ports.
* **Modems:** Interfacing digital logic with analog transmission equipment.
* **Industrial Equipment:** Connecting PLCs or sensors to a central monitoring system.
* **Embedded Systems:** Adding serial debugging ports to custom PCBs.
- ⤷What are the specific voltage requirements for the Vdd and Vss pins?
- ⤷ Does the 75185-P20-R require external capacitors like the MAX232?
- ⤷ What is the maximum operating temperature range for this IC?