75232-R20-T
AI

The part number **75232-R20-T** is most commonly associated with **Honda/Acura OEM components**, specifically an electronic connector or wire harness sub-component used in automotive systems.
Below is a detailed breakdown of the electronic and physical characteristics of this part.
---
### 1. General Specifications
| Category | Description |
| :--- | :--- |
| **Manufacturer** | Honda (Original Equipment Manufacturer) |
| **Part Type** | Connector / Wire Harness Component |
| **Vehicle Application** | Primarily Honda Accord, Acura TSX (Various generations) |
| **Material** | High-temperature automotive-grade plastic and copper alloy |
---
### 2. Electronic Functionality
The **75232-R20-T** functions as a bridge within the vehicle's electrical distribution system. In modern automotive electronics, these parts are critical for:
* **Signal Integrity:** Maintaining low resistance for sensor data (such as oxygen sensors or ABS sensors).
* **Power Delivery:** Acting as a junction point for 12V DC power lines to peripheral modules.
* **Environmental Protection:** These connectors are usually "T-rated" or sealed to prevent oxidation and moisture ingress, which is vital for preventing short circuits.
---
### 3. Technical Design Features
Modern automotive connectors like the R20 series utilize specific design standards:
1. **Locking Mechanism:** Features a "positive lock" or "click" engagement to ensure the connection does not vibrate loose during vehicle operation.
2. **Pin Configuration:** Usually utilizes gold-plated or tin-plated pins to minimize contact resistance.
3. **Terminal Position Assurance (TPA):** An internal plastic structure that ensures pins are fully inserted before the connector can be closed.
---
### 4. Common Diagnostic Issues
If this part (or the harness it belongs to) fails, you may encounter the following electronic symptoms:
* **Intermittent Continuity:** Power or signals cutting in and out due to loose pins.
* **Corrosion:** Green or white powdery residue inside the connector housing, leading to high resistance.
* **Melting:** Occurs if there is an over-current situation or a poor ground connection nearby.
---
- ⤷
Is this part used for a specific sensor or a general power harness?
- ⤷ What are the common symptoms of a faulty 75232-R20-T connector?
- ⤷ How can I test the continuity of this specific part using a multimeter?