Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 75232G-P20-R

  • AI
    The **75232G-P20-R** is a specific integrated circuit (IC) primarily used for serial communication. It is a common interface chip designed to bridge the gap between low-voltage logic levels and the higher-voltage requirements of the RS-232 standard. --- ### 1. General Overview The part belongs to the **75232 series**, which is widely manufactured by companies like Texas Instruments, UTC (Unisonic Technologies), and STMicroelectronics. It is essentially a combined **Driver and Receiver** for RS-232 communication. ### 2. Technical Specifications Below are the key electrical and physical characteristics of the 75232G-P20-R: | Feature | Specification | | :--- | :--- | | **Function** | RS-232 Line Driver/Receiver | | **Number of Drivers** | 3 Drivers | | **Number of Receivers** | 5 Receivers | | **Package Type** | TSSOP-20 (Thin Shrink Small Outline Package) | | **Mounting Type** | Surface Mount (SMD) | | **Supply Voltage (Vcc)** | 4.5V to 15V (Typ. 5V/9V/12V) | | **Data Rate** | Up to 120 kbps | | **Operating Temperature** | 0°C to 70°C (Commercial Grade) | ### 3. Part Number Breakdown (UTC Standard) The suffix codes usually define the packaging and material: * **75232**: The functional model number (compatible with SN75232). * **G**: Halogen-free and Lead-free (Green). * **P20**: Refers to the TSSOP-20 pin count and package size. * **R**: Tape and Reel (Packaging method for automated assembly). --- ### 4. Internal Architecture The chip contains two distinct types of circuits: 1. **Drivers (Transmitters):** These convert TTL/CMOS logic levels (usually 0V-5V) into RS-232 voltage levels (typically ±9V). 2. **Receivers:** These convert incoming RS-232 signals (which can be as high as ±25V) back down to 5V logic levels for the microcontroller or UART to process. ### 5. Common Applications * **Motherboards:** Historically used for COM ports on desktop PCs. * **Industrial Controllers:** Interfacing PLCs with peripheral devices. * **Modems:** Handling the signal conversion between the DTE (Data Terminal Equipment) and DCE (Data Circuit-terminating Equipment). * **Embedded Systems:** Connecting microcontrollers to legacy serial hardware. --- ### 6. Pinout Diagram (Typical TSSOP-20) ```text +---Vcc---+ 1 VDD | | VSS 20 2 RA1 | | DY1 19 3 RA2 | | DY2 18 4 RA3 | | RA4 17 5 DY3 | | RA5 16 6 RY3 | | RY4 15 7 RY2 | | RY5 14 8 RY1 | | DA3 13 9 DA1 | | DA2 12 10 GND | | Vcc 11 +---------+ ``` *(Note: Pin 1 VDD and Pin 20 VSS are used for the dual-rail power supply required for RS-232 levels).*
    ✨ Follow-up Questions
    • ⤷ What are the voltage requirements for the VDD and VSS pins on this IC?
    • ⤷ How does the 75232 compare to the MAX232 in terms of external components?
    • ⤷ Can this chip be used with 3.3V logic systems?