Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 78L08G-AB3-R

  • AI
    The **78L08G-AB3-R** is a popular low-power linear voltage regulator. It is part of the "78xx" series, specifically designed to provide a stable 8V output from a higher, fluctuating DC input. --- ## 1. Technical Specifications The following table highlights the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 8V DC | | **Max Output Current** | 100mA | | **Input Voltage (Max)** | 30V DC | | **Dropout Voltage** | ~1.7V (Typical) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | SOT-89 | --- ## 2. Part Number Breakdown Understanding the suffix codes helps identify the specific physical and chemical properties of the component: * **78L**: Indicates a "Low-power" version (100mA limit) compared to the standard 7808 (1A). * **08**: Represents the fixed output voltage (8 Volts). * **G**: Typically signifies "Halogen-Free" or "Green" materials. * **AB3**: Refers to the **SOT-89** package style (a surface-mount package with good thermal properties). * **R**: Indicates that the parts are supplied on a "Tape and Reel" for automated assembly. --- ## 3. Key Features * **Internal Current Limiting:** Protects the device from burning out if the output is short-circuited. * **Thermal Overload Protection:** Automatically shuts down the regulator if it becomes too hot. * **Safe Area Protection:** Ensures the output transistor operates within safe limits. * **Small Footprint:** The SOT-89 package is ideal for space-constrained PCB designs while offering better heat dissipation than the smaller SOT-23. --- ## 4. Typical Application Circuit To ensure stability and reduce noise, external capacitors are required. ```markdown Input (V_in) ----[ C1: 0.33uF ]----( Pin 1: IN ) ( Pin 2: GND )---- Ground Output (V_out)---[ C2: 0.1uF ]----( Pin 3: OUT ) ``` * **C1 (Input Capacitor):** Required if the regulator is located far from the power supply filter. * **C2 (Output Capacitor):** Improves transient response and ensures stability. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 78L08 and the standard 7808?
    • ⤷ Can I use a 24V input with this specific regulator?
    • ⤷ What are the common alternatives to the SOT-89 package for this part?