78L08ML-T92-R
AI

## UTC 78L08ML-T92-R Overview
The **78L08ML-T92-R** is a 3-terminal positive voltage regulator designed for local on-card regulation. It belongs to the 78Lxx series, which is a low-power version of the standard 78xx series.
---
### 1. Part Number Breakdown
Understanding the suffix and prefix is crucial for identifying the specific package and electrical characteristics:
| Code Segment | Meaning |
| :--- | :--- |
| **78** | Positive Voltage Regulator Series |
| **L** | Low Power (typically 100mA max output) |
| **08** | Output Voltage (8 Volts) |
| **ML** | UTC Manufacturer Specific (Standard Grade) |
| **T92** | TO-92 Plastic Package |
| **R** | Tape & Reel Packaging (RoHS Compliant) |
---
### 2. Key Technical Specifications
Below are the primary electrical characteristics of the 78L08ML:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | +8.0V DC |
| **Input Voltage (Max)** | 30V DC |
| **Output Current** | Up to 100mA |
| **Quiescent Current** | ~3.0mA to 5.0mA |
| **Operating Temperature** | -40°C to +125°C |
| **Short Circuit Protection** | Internal Thermal Overload and Current Limiting |
---
### 3. Pin Configuration (TO-92 Package)
When looking at the flat side of the TO-92 package with the leads pointing down:
1. **Pin 1: V-OUT** (Regulated 8V Output)
2. **Pin 2: GND** (Ground/Common)
3. **Pin 3: V-IN** (Unregulated Input Voltage)
---
### 4. Typical Application Circuit
To ensure stability and reduce noise, external capacitors are recommended:
```text
Input (9.5V-25V) 8V Output
| |
[IN] --+---[ 78L08 ]---+--- [OUT]
| | |
C_in GND C_out
(0.33uF) | (0.1uF)
| | |
---------+-------+-------+--------- Ground
```
### 5. Features and Benefits
* **Internal Protection:** Features internal thermal-overload protection and internal short-circuit current limiting.
* **No External Components:** In many cases, it can function without external components, though capacitors are highly recommended for high-frequency noise rejection.
* **Replacement for Zener Diodes:** Offers significantly better output impedance and lower bias current compared to a Zener diode/resistor combination.
---
- ⤷
What is the minimum input voltage required for the 78L08 to maintain a stable 8V output?
- ⤷ Can I use the 78L08 to power a motor that draws 250mA?
- ⤷ What is the difference between the 78L08 and the standard 7808?