78L09G-AB3-R
AI

### Overview of the 78L09G-AB3-R
The **78L09G-AB3-R** is a fixed-output positive voltage regulator. It belongs to the 78Lxx series, which are low-power versions of the standard 78xx series. This specific part is designed to provide a stable **9V output** from a higher, fluctuating DC input.
---
### Technical Specifications
Below are the primary electrical characteristics for this component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 9.0 V |
| **Maximum Input Voltage** | 30 V |
| **Output Current** | 100 mA (Max) |
| **Quiescent Current** | 3 mA to 5 mA |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SOT-89 |
| **Polarity** | Positive |
---
### Part Number Breakdown
The suffixing in the part number provides specific details about the physical and chemical properties of the chip:
* **78L09**: The family name (78 series) and the output voltage (09 = 9V).
* **G**: Typically denotes "Halogen-Free" or "Green" compliance.
* **AB3**: Refers to the **SOT-89** package style.
* **R**: Indicates the packaging method, usually **Tape & Reel**.
---
### Pin Configuration (SOT-89)
The SOT-89 is a surface-mount package with three pins and a large thermal tab.
1. **V-OUT**: Output Pin (Stable 9V).
2. **GND**: Ground (Connected to the thermal tab for heat dissipation).
3. **V-IN**: Input Pin (Unregulated DC voltage).
---
### Key Features and Protection
The 78L09G includes several internal safety mechanisms to prevent damage to the circuit:
* **Internal Short-Circuit Limiting:** Limits the current if the output is shorted to ground.
* **Thermal Overload Protection:** Automatically shuts down the device if the internal temperature exceeds safe limits.
* **No External Components Required:** While capacitors are recommended for stability, the basic regulation logic is entirely internal.
### Typical Application Circuit
To ensure stability and filter out noise, it is standard practice to use bypass capacitors:
```text
[Input Voltage] ----[ C1: 0.33uF ]----( V-IN )
|
( 78L09 )---( V-OUT )----[ C2: 0.1uF ]---- [9V Output]
|
[Ground] ----------------------------( GND )----------------------------------- [Ground]
```
---
- ⤷What is the minimum input voltage required for the 78L09G to function correctly?
- ⤷ How does the SOT-89 package handle heat compared to the TO-92 package?
- ⤷ Can this regulator be used for negative voltage applications?