78L18ML-S08-R
AI

The **78L18ML-S08-R** is a specific part number for a linear voltage regulator. It belongs to the 78Lxx series, which is designed for low-power applications requiring a stable voltage output.
---
### 1. General Specifications
The part number can be broken down to understand its core characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | +18V (Fixed) |
| **Output Current** | 100mA (Maximum) |
| **Input Voltage (Max)** | 35V DC |
| **Package Type** | SOP-8 (Surface Mount) |
| **Polarity** | Positive Regulator |
---
### 2. Part Number Breakdown
The nomenclature follows industry standards, often associated with manufacturers like **UTC (Unisonic Technologies)**:
* **78L**: The series prefix for positive voltage regulators (L denotes low current, 100mA).
* **18**: Indicates the fixed output voltage of **18 Volts**.
* **ML**: Often refers to internal specificities or low-noise/enhanced thermal characteristics.
* **S08**: Indicates the **SOP-8** (Small Outline Package) 8-pin package.
* **R**: Typically stands for **Tape & Reel** packaging for automated assembly.
---
### 3. Pin Configuration (SOP-8)
Unlike the standard 3-pin TO-92 package, the SOP-8 version uses multiple pins for heat dissipation and standard connectivity:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Vout | Regulated Output Voltage (+18V) |
| **2, 3, 6, 7** | GND | Ground / Heat Sink Pins |
| **4** | NC | No Connection |
| **5** | NC | No Connection |
| **8** | Vin | Unregulated Input Voltage |
---
### 4. Key Features & Applications
* **Internal Protection**: Includes internal thermal overload protection and short-circuit current limiting.
* **Stability**: Requires minimal external components (usually just an input and output capacitor to prevent oscillation).
* **Common Uses**:
* Local on-card regulation.
* Power supplies for Op-Amps (where +18V rails are common).
* Industrial control circuits.
* Consumer electronics low-power stages.
---
### 5. Typical Application Circuit
To use this part effectively, the following schematic setup is recommended:
```text
Vin >-------[ C1: 0.33uF ]-------[ 78L18 ]-------[ C2: 0.1uF ]-------> Vout (+18V)
|
[GND]
```
* **C1 (Input Capacitor):** Required if the regulator is located far from the power supply filter.
* **C2 (Output Capacitor):** Improves transient response and ensures stability.
- ⤷
What is the minimum dropout voltage required for the 78L18 to maintain a stable 18V output?
- ⤷ How does the SOP-8 package thermal resistance compare to the TO-92 version?
- ⤷ Can this regulator be used to provide a negative 18V output?