78R06G-TF4-R
AI

The **78R06G-TF4-R** is a low-dropout (LDO) positive voltage regulator that includes a specific **control pin (ON/OFF function)**. It is part of the "78Rxx" series, which improves upon standard 78xx regulators by adding power-saving capabilities.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 6.0 V (Fixed) |
| **Max Output Current** | 1.0 A |
| **Dropout Voltage** | Typically 0.5 V (at 1A) |
| **Input Voltage Range** | Up to 15 V - 35 V (depends on thermal load) |
| **Package Type** | TO-220F-4L (Full-mold, 4 pins) |
| **Quiescent Current** | ~5-10 mA |
---
### 2. Pin Configuration
Unlike the standard 3-pin regulators (7806), this part has **4 pins**.
1. **Pin 1 (Vin):** Unregulated DC input voltage.
2. **Pin 2 (Vout):** Regulated 6V DC output.
3. **Pin 3 (GND):** Ground.
4. **Pin 4 (V_control):** The ON/OFF control pin. When pulled high (typically >2.0V), the regulator turns on. When pulled low (<0.8V), the regulator shuts down to save power.
---
### 3. Features and Protection
* **Low Dropout (LDO):** It can maintain a stable 6V output even when the input voltage is only slightly above 6.5V.
* **Built-in Protection:**
* **Thermal Shutdown:** Automatically turns off if the chip exceeds its temperature limit.
* **Over-Current Protection:** Limits output current to prevent damage during a short circuit.
* **Remote Control:** The 4th pin allows a microcontroller (like an Arduino or ESP32) to toggle the power to a sub-circuit without needing a heavy-duty mechanical switch.
---
### 4. Part Number Breakdown
The suffixing usually follows this logic:
* **78R:** Series identifier (LDO with Control Pin).
* **06:** Output voltage (6 Volts).
* **G:** Usually denotes "Green" (Halogen-free/RoHS compliant).
* **TF4:** Package code for TO-220F (4-lead, isolated package).
* **R:** Tape and Reel or specific packing designation.
---
### 5. Application Example
```c
// Example Logic for Pin 4 Control
// Connect Pin 4 to a MCU GPIO pin
digitalWrite(POWER_PIN, HIGH); // 6V Output is active
digitalWrite(POWER_PIN, LOW); // 6V Output is cut off (Sleep Mode)
```
- ⤷
What is the maximum input voltage recommended for the 78R06 to avoid overheating?
- ⤷ Can I use the 78R06 without connecting the 4th (Control) pin?
- ⤷ How does this part compare to the standard LM7806 in terms of efficiency?