79D06AG-TM3-R
AI

The **79D06AG-TM3-R** is a specific electronic component, typically identifying as a **Negative Voltage Regulator**. It is commonly manufactured by UTC (Unisonic Technologies Co., Ltd).
---
### 1. General Overview
This device is part of the **79Dxx series**, which provides a fixed negative output voltage. It is designed to complement the 78Dxx series (positive regulators) in dual-power supply applications.
### 2. Technical Specifications
The following table highlights the key electrical characteristics of the 79D06AG-TM3-R:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | -6.0V |
| **Output Current** | Up to 0.5A (500mA) |
| **Input Voltage (Max)** | -35V |
| **Package Type** | TO-251 (represented by 'TM3' suffix) |
| **Operating Temp Range** | -40°C to +125°C |
| **Polarity** | Negative |
---
### 3. Part Number Breakdown
The nomenclature of this part provides specific details about its construction:
* **79D06**: The series code. "79" indicates a negative regulator, "D" indicates the 0.5A current class, and "06" indicates a -6V output.
* **A**: Often denotes a specific accuracy grade or version.
* **G**: Typically stands for **Halogen-Free** and RoHS compliant (Green).
* **TM3**: Refers to the **TO-251** package (also known as I-PAK).
* **R**: Indicates the packing type, usually **Tape and Reel** or **Tube**.
---
### 4. Key Features & Protections
Modern 79D06 units include several internal safety mechanisms to prevent failure:
* **Thermal Overload Protection:** Shuts down the device if it becomes too hot.
* **Short Circuit Current Limiting:** Restricts output current if the load shorts.
* **Safe Operating Area (SOA) Protection:** Ensures the output transistor operates within safe power limits.
### 5. Common Applications
* **Dual Power Supplies:** Used alongside a 7806 to provide ±6V rails for Operational Amplifiers (Op-Amps).
* **Industrial Controls:** Providing stable reference voltages for negative logic circuits.
* **Audio Equipment:** Powering balanced audio stages.
---
- ⤷
What are the pinout differences between the 79D06 and the 78D06?
- ⤷ Can I use a 79D06 with a positive input voltage?
- ⤷ What is the recommended input capacitor value for this regulator?