79L08G-AB3-R
AI

## Overview of the 79L08G-AB3-R
The **79L08G-AB3-R** is a negative voltage regulator integrated circuit. It is part of the "79Lxx" family, which is designed to provide a stable, fixed negative output voltage from a fluctuating negative input.
The suffix "G" usually denotes a "Green" (halogen-free/lead-free) component, and "AB3" typically refers to the **SOT-89** package type.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Output Voltage** | -8.0 V |
| **Output Current** | 100 mA (Max) |
| **Input Voltage (Max)** | -30 V to -35 V |
| **Package Type** | SOT-89 |
| **Operating Temperature** | -40°C to +125°C |
| **Polarity** | Negative |
---
### 2. Pin Configuration (SOT-89)
For the SOT-89 package (AB3), the pinout is generally structured as follows:
1. **GND (Ground):** The reference point for the input and output.
2. **IN (Input):** The unregulated negative input voltage.
3. **OUT (Output):** The regulated -8V output.
---
### 3. Functional Features
* **Internal Current Limiting:** Protects the device from drawing too much current and burning out.
* **Thermal Overload Protection:** Automatically shuts down the device if it exceeds safe operating temperatures.
* **Safe-Area Compensation:** Ensures the output transistor operates within safe limits under various load conditions.
* **Low Noise:** Provides a clean DC signal, making it suitable for analog circuits.
---
### 4. Typical Application Circuit
To ensure stability, capacitors are required at the input and output stages.
```text
[Negative Input] ----+---- [ IN ] [ OUT ] ----+---- [ -8V Output ]
| (79L08) | |
C_in C_out |
| [ GND ] | |
[Ground] ------------+----------+--------+-------+
```
* **C_in (0.33µF or higher):** Required if the regulator is far from the power supply filter.
* **C_out (0.1µF or higher):** Improves stability and transient response.
---
### 5. Common Use Cases
1. **Operational Amplifiers:** Providing the negative rail (V- / Vee) for dual-supply Op-Amps.
2. **Audio Equipment:** Ensuring a low-noise negative reference for signal processing.
3. **Industrial Controls:** Powering sensors or logic that require negative bias.
4. **Interface Circuits:** RS-232 level shifting or communication modules.
- ⤷
What is the difference between the 79L08 and the 78L08?
- ⤷ Can I use this regulator to provide more than 100mA if I use a heatsink?
- ⤷ What is the minimum input voltage required to get a stable -8V output?