79L09G-AB3-R
AI

The **79L09G-AB3-R** is a specific part number for a fixed negative voltage regulator. This component is widely used in electronic circuits to provide a stable -9V output from a higher negative input voltage.
Below is a detailed breakdown of its specifications, naming conventions, and typical applications.
---
### 1. Key Technical Specifications
The 79L09 series is the low-power (100mA) version of the standard 7909 negative regulators.
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | -9.0V DC |
| **Output Current** | 100mA (Maximum) |
| **Input Voltage (Max)** | -30V to -35V |
| **Package Type** | SOT-89 (Small Outline Transistor) |
| **Operating Temperature** | -40°C to +125°C |
| **Polarity** | Negative Voltage Regulator |
---
### 2. Part Number Breakdown (UTC Coding)
This part is commonly manufactured by **Unisonic Technologies Co. (UTC)**. The suffix represents the following:
* **79L09**: The basic series (Negative regulator, Low power, 9V output).
* **G**: Halogen-free and RoHS compliant (Green).
* **AB3**: Refers to the **SOT-89** package style.
* **R**: Tape and Reel packaging (for automated pick-and-place assembly).
---
### 3. Pinout Configuration
Since this is an SOT-89 package, the pinout is standard but crucial to remember because it differs from positive regulators (like the 78L09).
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | **GND** | Ground reference |
| **Pin 2** | **Input (V_in)** | Unregulated negative input voltage |
| **Pin 3** | **Output (V_out)** | Regulated -9V output |
> **Note:** The large tab on the SOT-89 package is internally connected to the Input (Pin 2).
---
### 4. Typical Application Circuit
To ensure stability and reduce noise, capacitors are required at both the input and output stages.
```text
-Vin (Unregulated) ----[ Pin 2 ]-------[ Pin 3 ]---- -9V Out (Regulated)
| |
[Cin] [Cout]
| |
GND -------------------[ Pin 1 ]---------+---------- GND
```
* **Cin (Input Capacitor):** Typically 0.33µF (Tantalum or Ceramic) to filter high-frequency noise.
* **Cout (Output Capacitor):** Typically 1µF to 10µF to ensure loop stability.
---
### 5. Common Use Cases
1. **Dual Supply Rails:** Used alongside a 78L09 to create a +/- 9V dual power supply for Operational Amplifiers (Op-Amps).
2. **Analog Circuits:** Powering sensitive audio equipment or sensors requiring negative bias.
3. **Communication Gear:** Powering RS-232 line drivers or specific RF modules.
---
- ⤷
What is the main difference between the 79L09 and the standard 7909?
- ⤷ Can I use this regulator for a positive 9V output if I reverse the pins?
- ⤷ What are the thermal considerations for the SOT-89 package in this regulator?