7N65G-TQ2-R
AI

The **7N65G-TQ2-R** is a specific part number for a High Voltage Power MOSFET. Below is a detailed breakdown of its specifications, naming convention, and technical characteristics.
### 1. General Overview
The 7N65 series is a N-Channel enhancement mode power field-effect transistor (MOSFET) produced using advanced planar stripe DMOS technology. It is designed to minimize on-state resistance and provide superior switching performance.
---
### 2. Technical Specifications
The following table highlights the core electrical characteristics:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 650 V |
| **Continuous Drain Current** | $I_D$ | 7.0 A |
| **Pulsed Drain Current** | $I_{DM}$ | 28 A |
| **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | 1.2 $\Omega$ (Max @ $V_{GS}=10V$) |
| **Gate-Source Voltage** | $V_{GSS}$ | $\pm$ 30 V |
| **Total Gate Charge** | $Q_g$ | 28 nC |
---
### 3. Part Number Decoder
The suffix and prefix provide information about the manufacturing and packaging:
* **7**: Represents the current rating (approx. 7 Amperes).
* **N65**: Represents the polarity (N-Channel) and Voltage rating (650V).
* **G**: Usually indicates **Halogen-Free** or "Green" compliance.
* **TQ2**: Refers to the Package Type, typically **TO-263** (D2PAK), which is a surface-mount package.
* **R**: Indicates the packing method, usually **Tape & Reel**.
---
### 4. Key Features
* **Low Gate Charge:** Allows for fast switching speeds and reduces drive power requirements.
* **Low $C_{rss}$ (Reverse Transfer Capacitance):** Improves efficiency in high-frequency applications.
* **Avalanche Energy Rated:** 100% tested for avalanche ruggedness, ensuring stability against voltage spikes.
* **High Speed Switching:** Optimized for SMPS (Switching Mode Power Supplies).
---
### 5. Common Applications
This MOSFET is primarily used in high-efficiency switch-mode power supplies and electronic ballasts.
* **PFC (Power Factor Correction):** Used in the input stages of power supplies.
* **AC/DC Adapters:** Common in laptop chargers and industrial power bricks.
* **LED Drivers:** Used for high-voltage DC conversion to drive LED strings.
* **Uninterruptible Power Supplies (UPS):** Switching elements for power conversion.
---
### 6. Equivalent/Alternative Parts
If this specific part is unavailable, the following are common equivalents (ensure you check the package type, as TO-220 vs TO-263 may differ):
* **FQP7N65C** (Fairchild/ON Semi)
* **STP7NK65Z** (STMicroelectronics)
* **IRFBC40** (International Rectifier)
- ⤷
What is the difference between the TQ2 and TF3 package versions of the 7N65?
- ⤷ How does the gate threshold voltage affect the switching performance of this MOSFET?
- ⤷ Can this MOSFET be used directly with a 3.3V microcontroller signal?