Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 7SL34

  • AI
    The code **7SL34** typically refers to a series of **Miniature Circuit Breakers (MCBs)** manufactured by **Siemens**, specifically within the SENTRON product family. These are essential protective components in electrical distribution systems. --- ### 1. Key Technical Specifications The 7SL34 series is designed for infrastructure and industrial applications. Below are the general specifications for this series: | Property | Description | | :--- | :--- | | **Product Type** | Miniature Circuit Breaker (MCB) | | **Number of Poles** | Usually 3-Pole (3P) or 3-Pole + Neutral (3P+N) | | **Tripping Characteristic** | Type C (Commonly) - Trips at 5-10x rated current | | **Breaking Capacity** | 4.5 kA or 6 kA (depending on the specific model) | | **Voltage Rating** | 400 V AC | | **Mounting Type** | Standard DIN Rail (35mm) | --- ### 2. Functional Components Electronic and mechanical parts within a 7SL34 breaker work together to provide two types of protection: #### A. Thermal Protection (Overload) * **Bimetallic Strip:** This is the "slow" trip mechanism. As current exceeds the rated value, the strip heats up and bends. When it reaches a specific deflection point, it triggers the mechanical latch to open the contacts. #### B. Magnetic Protection (Short Circuit) * **Electromagnetic Coil (Solenoid):** This is the "instantaneous" trip mechanism. During a short circuit, a high surge of current creates a strong magnetic field in the coil, which pulls a plunger to strike the trip lever immediately. #### C. Arc Management * **Arc Chute:** When the contacts separate under load, an electrical arc is formed. The arc chute consists of parallel metal plates that split, cool, and extinguish the arc to prevent damage to the device. --- ### 3. Application Use Cases Because the 7SL34 series often utilizes a **Type C** tripping curve, it is ideal for: * **Inductive Loads:** Motors, fans, and transformers. * **Commercial Lighting:** Fluorescent or LED banks with high inrush currents. * **Industrial Control Panels:** Protecting branch circuits. --- ### 4. Wiring and Terminal Layout `7SL34` breakers feature "Busbar-compatible" terminals, allowing for easy connection with pin-type busbars. ```text Terminal Top (Input) | [ Magnetic Coil ] ---- [ Bimetal Strip ] | [ Moving Contact ] <--- [ Mechanical Toggle ] | Terminal Bottom (Output) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Type B and Type C tripping curves in the 7SL series?
    • ⤷ How do I calculate the correct amperage rating for a 7SL34 breaker?
    • ⤷ What is the physical width in millimeters for a 3-pole 7SL34 unit?