Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 806MDCL202KFG

  • AI
    The **806MDCL202KFG** is a high-performance, high-voltage power film capacitor manufactured by **Illinois Capacitor** (a brand under Cornell Dubilier - CDE). It belongs to the **DCL series**, which is specifically designed for DC filtering and energy storage applications. --- ### 1. Technical Specifications The part number itself follows a specific nomenclature that defines its electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Capacitance** | 80 µF (Microfarads) | | **Tolerance** | ±10% (indicated by 'K') | | **Voltage Rating (DC)** | 2000 VDC | | **Dielectric Material** | Polypropylene Film (Metallized) | | **Operating Temperature** | -40°C to +85°C | | **Termination Style** | Screw Terminals (High Current) | | **Mounting Type** | Chassis Mount (Cylindrical) | --- ### 2. Key Internal Components & Construction The "Electronic Parts" within this component are not discrete chips, but rather advanced materials engineered for high power: * **Metallized Polypropylene Dielectric:** Unlike standard electrolytic capacitors, this uses a thin plastic film coated with a microscopic layer of metal. This allows for "self-healing" properties—if a dielectric breakdown occurs, the metal layer vaporizes around the point of failure, preventing a short circuit. * **Non-Inductive Winding:** The internal film is wound in a way that minimizes parasitic inductance, which is crucial for high-speed switching environments. * **Dry Construction:** It does not contain liquid electrolyte, meaning it has a much longer life expectancy and no risk of leaking or drying out over time. * **Robust Housing:** Usually encased in a flame-retardant plastic or metal cylinder with resin filling to protect against humidity and mechanical vibration. --- ### 3. Applications & Usage This component is used in heavy-duty electronic circuits where high voltage and high ripple current are present: 1. **Solar Inverters:** Used for DC-Link filtering to smooth out the voltage before it is converted to AC. 2. **EV Charging Stations:** Manages high-power energy transfer and reduces noise. 3. **Motor Drives:** Provides the energy reservoir for Variable Frequency Drives (VFDs). 4. **Induction Heating:** Acts as a resonant capacitor in high-frequency heating circuits. --- ### 4. Comparison: Film vs. Electrolytic | Feature | 806MDCL202KFG (Film) | Standard Electrolytic | | :--- | :--- | :--- | | **Voltage** | Very High (2000V) | Typically lower per unit | | **Lifespan** | Up to 100,000 hours | 2,000 to 10,000 hours | | **ESR** | Extremely Low | Moderate to High | | **Failure Mode** | Open circuit (Safe) | Short circuit / Leaking (Hazardous) |
    ✨ Follow-up Questions
    • ⤷ What are the mechanical dimensions of the 806MDCL202KFG?
    • ⤷ How does 'self-healing' work in metallized film capacitors?
    • ⤷ What is the maximum ripple current rating for this specific model?