8101-R
AI

The **8101-R** typically refers to a specific series of **Rotary Switches** or **Electromechanical Enclosures**, most commonly associated with industrial control components or legacy networking hardware.
Based on the most common technical specifications for this part number (often produced by manufacturers like Grayhill or similar industrial suppliers), here is an explanation of its electronic composition and characteristics.
---
## 1. Key Component Overview
The 8101-R is generally designed as a high-reliability rotary selector switch intended for PCB (Printed Circuit Board) mounting.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Rotary Switch / Binary Coded Switch |
| **Mounting Type** | Through-hole or Surface Mount (model dependent) |
| **Actuation** | Screwdriver slot or Knurled shaft |
| **Positions** | Usually 10 (0-9) or 16 (0-F) |
| **Contact Material** | Gold over Nickel or Silver-plated Copper |
---
## 2. Internal Electronic Parts
The internal architecture of an 8101-R series component consists of several precision-engineered parts:
### A. The Rotor (Actuator)
The moving part that the user turns. In the 8101-R, this is often made of heat-resistant thermoplastic. It contains a "wiper" that bridges the electrical gap between the common pin and the output pins.
### B. Contact System
* **Wiper:** A metallic brush (often gold-plated) that rotates.
* **Stator:** The fixed base containing the circuit traces.
* **Coding:** The 8101-R is often **BCD (Binary Coded Decimal)** or **Hexadecimal**. This means the internal traces are arranged so that a single input is converted into a binary output (e.g., Position 1 = 0001, Position 2 = 0010).
### C. Housing and Sealing
* **Body:** Usually made of liquid crystal polymer (LCP) to withstand soldering temperatures.
* **O-Ring:** The "R" in the suffix often denotes **"Ruggedized"** or **"Rear-sealed"**, indicating a rubber gasket or epoxy seal to prevent flux and contaminants from entering the contacts during wave soldering.
---
## 3. Electrical Characteristics
When integrating the 8101-R into a circuit, these electrical limits are critical:
* **Switching Rating:** Usually around **100mA at 28VDC**.
* **Non-Switching Rating (Carry Current):** Up to **250mA**.
* **Contact Resistance:** Typically < 100 mΩ initially.
* **Insulation Resistance:** Usually 1,000 MΩ minimum between adjacent contacts.
---
## 4. Common Applications
The 8101-R is used primarily for "Set and Forget" configurations:
1. **Address Setting:** Setting the unique ID of a device on a BUS (like RS-485 or CAN bus).
2. **Mode Selection:** Choosing between different firmware operation modes on a motherboard.
3. **Industrial Timers:** Manually setting delay intervals on a control relay.
---
- ⤷
What is the difference between BCD and Hexadecimal coding in these switches?
- ⤷ How does the 'R' suffix impact the environmental IP rating of the part?
- ⤷ Can the 8101-R be used for AC voltage applications?