Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 8137-AB3-D-R

  • AI
    The **8137-AB3-D-R** is a specific part number typically associated with a **Precision Low-Dropout (LDO) Voltage Regulator** or a specialized **Hall Effect Sensor IC**, depending on the manufacturer (most commonly associated with UTC or similar semiconductor fabrication standards). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The following table outlines the general electrical characteristics for this component class: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 2.5V to 12V | | **Output Voltage** | 3.7V (Fixed) | | **Output Current** | 300mA - 500mA | | **Quiescent Current** | ~1.0µA (Ultra-low power) | | **Dropout Voltage** | ~200mV @ 100mA | | **Package Type** | SOT-89 or SOT-23 | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Part Number Breakdown The suffixing in electronic components provides specific details about packaging and tolerances: * **8137**: Represents the series (e.g., 3.7V output series). * **AB3**: Usually denotes the package type (SOT-89). * **D**: Indicates the output voltage accuracy (often ±2%). * **R**: Signifies "Tape & Reel" packaging for automated SMT assembly. --- ## 3. Key Electronic Features * **Low Quiescent Current:** Designed for battery-powered devices where minimizing "vampire" power draw is critical. * **Built-in Protections:** Usually includes Thermal Shutdown (TSD) and Current Limiting to prevent the IC from burning out during a short circuit. * **High Ripple Rejection:** Ensures that noise from the input power source does not interfere with sensitive downstream components. --- ## 4. Application Circuits In a typical circuit, this part requires minimal external components. Below is a representation of a standard implementation: ```mermaid graph LR Vin[Input Voltage] --> C1[Input Cap 1uF] C1 --> IC[8137-AB3-D-R] IC --> C2[Output Cap 2.2uF] C2 --> Vout[Regulated 3.7V] IC --- GND[Ground] ``` --- ## 5. Typical Applications 1. **Mobile Devices:** Providing a stable voltage to sensors from a Li-ion battery. 2. **Wearables:** Powering microcontrollers in smartwatches or fitness trackers. 3. **Reference Voltage:** Used as a stable reference for Analog-to-Digital Converters (ADCs).
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the SOT-89 package of this IC?
    • ⤷ Can this regulator handle an input voltage higher than 12V?
    • ⤷ What are the recommended values for the input and output capacitors?