8250-R12K-RC
AI

The **8250-R12K-RC** is a high-frequency, conformal coated inductor manufactured by **Bourns Inc.** This specific part belongs to the 8250 series of axial-leaded RF chokes.
---
### 1. Key Technical Specifications
The part number encodes specific characteristics of the component. Below are the primary electrical and physical specifications:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.12 µH |
| **Tolerance** | ±10% |
| **Current Rating (Max)** | 1350 mA (1.35 A) |
| **DC Resistance (DCR)** | 0.08 Ohms Max |
| **Self-Resonant Frequency (SRF)** | 650 MHz |
| **Q Factor (Min)** | 45 |
| **Termination Style** | Axial Leaded |
| **Operating Temperature** | -55°C to +105°C |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants within the same series:
- **8250**: The series designation (Conformal Coated RF Choke).
- **R12**: The inductance value. "R" acts as a decimal point ($0.12$).
- **K**: The tolerance code ($K = \pm10\%$; $J = \pm5\%$).
- **RC**: RoHS Compliant.
---
### 3. Construction and Features
* **Core Material:** This specific low-inductance value (0.12 µH) typically utilizes a **Phenolic core** (non-magnetic), which allows for high SRF and stability at high frequencies.
* **Coating:** It is protected by an epoxy conformal coating, providing excellent moisture resistance and electrical insulation.
* **Form Factor:** The axial lead design makes it suitable for through-hole PCB assembly or point-to-point wiring.
---
### 4. Common Applications
The 8250-R12K-RC is designed primarily for Radio Frequency (RF) applications where filtering or impedance matching is required:
1. **RF Interference (RFI) Suppression:** Used to block high-frequency noise in communication equipment.
2. **Decoupling:** Filtering power supply lines to prevent high-frequency signals from interfering with sensitive circuits.
3. **Oscillators and Amplifiers:** Used in the tuning stages of RF circuits.
4. **Test Equipment:** Found in signal generators and analyzers due to its high Q-factor and stability.
---
### 5. Equivalent/Alternative Considerations
If you are looking for alternatives, you must match the **SRF (Self-Resonant Frequency)** and the **Current Rating**, as these are critical in high-frequency designs. Common manufacturers with similar series include Vishay (IM series) and TDK.
- ⤷What are the main differences between Phenolic and Ferrite cores in RF inductors?
- ⤷ How does the 'Q factor' affect the performance of this inductor in a circuit?
- ⤷ Is there a surface-mount (SMD) equivalent for the 8250-R12K-RC?