8345-B01B-R0
AI

The **8345-B01B-R0** is a specific model within the E-T-A (Elektrotechnische Apparate GmbH) series of magnetic-hydraulic circuit breakers. These components are designed for precision protection in industrial and telecommunications equipment.
---
### 1. Component Specifications
The part number "8345-B01B-R0" indicates a specific configuration. Below is the breakdown of its technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Series** | 8345 (Magnetic-hydraulic) |
| **Number of Poles** | 1-pole (Standard B-series) |
| **Actuator Type** | Toggle Switch (typically R-style) |
| **Mounting Style** | Rail mounting or Plug-in |
| **Tripping Mechanism** | Magnetic-hydraulic (Delay/Instantaneous) |
| **Auxiliary Contacts** | Depends on specific sub-ordering codes |
---
### 2. Key Electronic Principles
The 8345 series operates on a **magnetic-hydraulic** principle, which differs from standard thermal breakers:
1. **Magnetic Trip:** A solenoid coil surrounds a tube containing a spring-loaded core and silicone fluid. In a short-circuit event, the high current creates a magnetic field strong enough to pull the core instantly, tripping the breaker.
2. **Hydraulic Delay:** In a moderate overload, the core moves slowly through the silicone fluid. This creates a "time-delay" characteristic, allowing for temporary inrush currents (like motor startups) without nuisance tripping.
3. **Temperature Stability:** Unlike thermal breakers, the trip point is not significantly affected by ambient temperature, making it ideal for cramped electronic enclosures.
---
### 3. Application Use Cases
Due to its precision and reliability, this part is commonly used in:
* **Telecommunications:** Protection for DC power distribution units (PDUs).
* **Industrial Automation:** Protection for sensitive PLC outputs.
* **Marine & Rail:** High-vibration environments where thermal breakers might fail or drift.
---
### 4. Technical Drawing Reference (General Layout)
```text
[ Toggle Actuator ]
|
_________|_________
| |
| (Line Terminal) |
| | |
| [Solenoid Coil] |
| | |
| (Load Terminal) |
|___________________|
```
- ⤷
What is the maximum current rating for the 8345 series?
- ⤷ How does magnetic-hydraulic tripping differ from thermal-magnetic tripping?
- ⤷ Can this circuit breaker be used for both AC and DC applications?