Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 8502SDO2V08X01

  • AI
    The **8502SDO2V08X01** is a specific model of a **Magnetic Contactor** manufactured by Schneider Electric under the Square D brand (NEMA type). It is primarily used in industrial automation to switch high-power electrical loads, such as motors, heaters, and lighting systems. --- ### 1. Technical Specifications Breakdown The model number provides specific details about the device's electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Product Type** | NEMA Contactor | Built to NEMA standards for durability and easy maintenance. | | **Size** | NEMA Size 2 | Rated for higher amperage than Size 0 or 1. | | **Current Rating** | 45 Amperes | Continuous current rating at 600V AC. | | **Number of Poles** | 3-Pole | Designed for 3-phase AC motor control. | | **Coil Voltage** | 208V AC | The control circuit (solenoid) operates on 208V @ 60Hz. | | **Enclosure Type** | Open Type | No protective outer box; intended for panel mounting. | | **Auxiliary Contacts** | 1 N.O. (Internal) | One normally open contact for signaling or interlocks. | --- ### 2. Key Electronic & Mechanical Components The device consists of several critical parts that work together to manage high-voltage power: 1. **Electromagnetic Coil (V08 Code):** This is the "brain" of the contactor. When 208V AC is applied to the coil terminals, it creates a magnetic field that pulls the armature down, closing the main power contacts. 2. **Stationary and Movable Contacts:** Made of silver-cadmium oxide or similar high-conductivity alloys. These are designed to resist "pitting" and welding caused by the electrical arcs generated during switching. 3. **Arc Chutes:** Ceramic or heavy-duty plastic barriers that surround the contacts to safely extinguish the electrical arc when the circuit is broken. 4. **Pressure Wire Terminals:** High-quality screw terminals designed to securely hold large-gauge industrial wiring. --- ### 3. Application Use Cases The **8502SDO2V08X01** is typically found in the following environments: * **HVAC Systems:** Controlling large compressor motors. * **Manufacturing:** Switching 3-phase motors on conveyor belts or heavy machinery. * **Power Distribution:** Managing heating elements in industrial ovens. --- ### 4. Wiring Diagram Overview (Simplified) ```mermaid graph TD A[L1/L2/L3 - Line Input] --> B[8502SDO2 Contactor] B --> C[T1/T2/T3 - Load/Motor] D[208V Control Signal] --> E[Coil Terminals A1/A2] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum horsepower rating for a NEMA Size 2 contactor at 460V?
    • ⤷ How does an 'Open Type' contactor differ from a NEMA 1 enclosure model?
    • ⤷ Can the 208V coil be replaced with a 120V coil if my control voltage changes?