8564EC-103
AI

The **8564EC-103** is a high-performance **Electromagnetic Component**, specifically an **EMI (Electromagnetic Interference) Feedthrough Filter**. These components are critical in electronic systems to suppress high-frequency noise while allowing DC or low-frequency signals to pass through a shielded enclosure.
---
## 1. Technical Specifications
Below are the typical parameters associated with the 8564EC-103 model:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | EMI/RFI Feedthrough Filter |
| **Capacitance Value** | 10,000 pF (0.01 µF) |
| **Capacitance Tolerance** | ±20% (Standard) |
| **Circuit Configuration** | C-Type (Single Capacitor) |
| **Rated Voltage** | Typically 100V - 200V DC |
| **Rated Current** | 5A - 10A (Depending on mounting) |
| **Operating Temperature** | -55°C to +125°C |
---
## 2. Construction and Design
The "103" in the part number follows the standard EIA capacitor code:
* **10**: The first two significant digits.
* **3**: The multiplier ($10^3$).
* **Result**: 10,000 pF.
### Physical Characteristics
* **Solder-In Style:** This part is usually designed to be soldered directly into a hole in a bulkhead or shield wall.
* **Hermetic/Epoxy Seal:** It features a robust seal to protect the internal ceramic element from environmental moisture and mechanical stress.
* **Plating:** Usually features gold or silver plating to ensure high conductivity and excellent solderability.
---
## 3. Key Electronic Functions
The 8564EC-103 serves three primary roles in a circuit:
1. **Noise Suppression:** It shunts high-frequency interference (EMI/RFI) to the chassis ground before it can enter or exit a sensitive enclosure.
2. **Low-Pass Filtering:** It acts as a low-pass filter, allowing low-frequency power/signals to pass through the center lead while blocking MHz and GHz range noise.
3. **Isolation:** Provides a conductive path through a shielded "Faraday cage" without compromising the integrity of the shield itself.
---
## 4. Common Applications
* **Military & Aerospace:** Used in communication rigs to prevent radio frequency leakage.
* **Medical Equipment:** Protecting sensitive sensors from background electronic noise.
* **Telecommunications:** Base station power supplies and signal processing units.
* **Industrial Controls:** Protecting PLCs (Programmable Logic Controllers) from motor noise.
- ⤷
What is the difference between a C-type and a Pi-type feedthrough filter?
- ⤷ How do I calculate the insertion loss for a 10
- ⤷000 pF filter at 100 MHz?
- ⤷ What are the soldering precautions for ceramic feedthrough capacitors to prevent cracking?