88CXXL-AF5-R
AI

## Analysis of the 88CXXL-AF5-R Electronic Component
The **88CXXL-AF5-R** is a specific part number typically associated with **UTC (Unisonic Technologies Co., Ltd.)**. It belongs to a family of CMOS Voltage Detectors (Reset ICs) designed to monitor power supply levels in electronic systems.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific characteristics of the component:
| Segment | Meaning | Details |
| :--- | :--- | :--- |
| **88C** | Series Name | High-accuracy CMOS Voltage Detector series. |
| **XX** | Detection Voltage | Represents the threshold (e.g., 27 = 2.7V, 30 = 3.0V). |
| **L** | Lead-Free | Indicates the device is Lead-Free/Halogen-Free. |
| **AF5** | Package Type | **SOT-25** (also known as SOT-23-5). |
| **R** | Packing | Tape & Reel. |
---
### 2. Technical Specifications
These components are designed for low power consumption and high precision.
* **Detection Voltage Range:** Typically available from 0.9V to 6.0V (in 0.1V increments).
* **Output Type:** CMOS Output (Active Low).
* **Operating Voltage:** 0.7V to 10V.
* **Ultra-Low Current Consumption:** Usually around $1.0\mu A$ (typical).
* **Precision:** $\pm 2\%$ detection accuracy.
* **Operating Temperature:** $-40^\circ C$ to $+85^\circ C$.
---
### 3. Pin Configuration (SOT-25 / AF5)
The 5-pin layout generally follows this standard for the 88C series:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | **$V_{OUT}$** | Output terminal (Reset signal). |
| 2 | **$V_{DD}$** | Supply voltage / Detection pin. |
| 3 | **$V_{SS}$** | Ground (GND). |
| 4 | **NC** | No Connection. |
| 5 | **NC / CD** | No Connection (or Manual Reset/Delay depending on specific variant). |
---
### 4. Typical Applications
This IC is primarily used to ensure that a microprocessor or system starts only when the power supply reaches a stable, predefined level.
* **Microprocessor Reset:** Providing a reset signal during power-up or brown-out conditions.
* **Battery Life Monitoring:** Detecting when a battery falls below a critical threshold.
* **System Power Supervision:** Protecting sensitive digital circuits from unstable voltage.
---
### 5. Functional Diagram (Conceptual)
```mermaid
graph LR
Vdd[Vdd Input] --> Comp[Comparator]
Ref[Reference Voltage] --> Comp
Comp --> Output[Vout / Reset Signal]
GND[Vss / Ground] --- Comp
```
- ⤷
What is the specific detection voltage for the 88C30L-AF5-R variant?
- ⤷ Can this IC be used for over-voltage protection as well as under-voltage?
- ⤷ What are the primary differences between the CMOS output and Open-Drain output in voltage detectors?