899-3-R220F
AI

The **899-3-R220F** is a specific type of **Passive Electronic Component**, specifically a **Resistor Network** (often referred to as a resistor array or SIP - Single In-line Package). These components are designed to reduce board space by housing multiple resistors in a single package.
### 1. Technical Specifications
The part number follows a standard coding convention (commonly associated with manufacturers like Bourns or BI Technologies).
| Parameter | Value / Specification |
| :--- | :--- |
| **Package Type** | SIP (Single In-line Package) |
| **Circuit Type** | Isolated (Internal independent resistors) |
| **Resistance Value** | 220 Ohms |
| **Tolerance** | ±1% (denoted by 'F') |
| **Number of Pins** | 8-10 Pins (Variable based on series) |
| **Power Rating** | Typically 125mW to 250mW per resistor |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the exact function of the chip:
* **899**: Represents the series (Standard Molded SIP).
* **3**: This is the **Circuit Configuration code**. Code '3' typically means **Isolated Resistors**. In this layout, every two pins represent one independent resistor (no common ground).
* **R220**: This is the resistance value. "R" acts as a decimal or indicator, resulting in **220 $\Omega$**.
* **F**: This denotes the **Tolerance**. 'F' stands for **±1%**, which indicates a high-precision component.
---
### 3. Internal Schematic & Applications
Since this is a "Type 3" (Isolated) network, the internal structure looks like this:
```text
Pin 1 --[Resistor]-- Pin 2
Pin 3 --[Resistor]-- Pin 4
Pin 5 --[Resistor]-- Pin 6
Pin 7 --[Resistor]-- Pin 8
```
#### Common Applications:
1. **Line Termination:** Matching impedance in communication lines to prevent signal reflection.
2. **LED Current Limiting:** Providing consistent resistance for a bank of status LEDs.
3. **Pull-up/Pull-down:** Used in digital logic circuits to ensure pins are at a defined voltage level.
4. **Space Savings:** Replacing 4 or 5 individual discrete resistors with a single component to simplify PCB routing.
---
### 4. Advantages
* **Precision:** The 1% tolerance ensures high accuracy for sensitive analog circuits.
* **Reliability:** Molded construction protects the resistive elements from moisture and thermal shock.
* **Efficiency:** Faster assembly time during the Pick-and-Place process compared to individual resistors.
- ⤷What is the difference between an isolated and a bussed resistor network?
- ⤷ How do I read the power rating for this specific SIP package?
- ⤷ Are there surface-mount (SMD) equivalents for the 899-3-R220F?