Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 8AT-N4-R

  • AI
    The **8AT-N4-R** is an industrial-grade **Temperature Controller** (often referred to as a Digital Thermostat) manufactured by **Delta Electronics**, belonging to the **DTB series**. These devices are used to regulate processes by reading sensor inputs and controlling heating or cooling elements. --- ### 1. Technical Specifications The model name "8AT-N4-R" breaks down into specific hardware capabilities: | Feature | Specification | | :--- | :--- | | **Series** | DTB Series (Advanced Delta Temperature Controllers) | | **Panel Size** | 48 x 48 mm (1/16 DIN) | | **Input Voltage** | 100 to 240 VAC, 50/60 Hz | | **Control Output** | **Relay Output** (SPST, 250 VAC, 5A) | | **Communication** | RS-485 Interface (Modbus ASCII/RTU) | | **Display** | Dual-line 4-digit LED (Process Value & Set Value) | --- ### 2. Core Electronic Components The internal circuitry of the 8AT-N4-R consists of several critical stages: #### A. Input Stage (Sensor Interface) This part of the circuit is designed for high-precision analog-to-digital conversion. It supports: * **Thermocouples:** K, J, T, E, N, R, S, B, L, U, TXK. * **RTDs:** Pt100, JPt100. * **Analog Input:** 0-5V, 0-10V, 0-20mA, 4-20mA. #### B. Microprocessor & Control Logic The unit uses an onboard CPU to perform **PID Control** (Proportional-Integral-Derivative). It includes: * **Auto-tuning:** Automatically calculates the best PID constants for the connected system. * **Dual Output Control:** Can manage both heating and cooling simultaneously. #### C. Output Stage (The "R" in the model) The "R" designation signifies a **Relay Output**. * This is a mechanical switch capable of handling up to 5 Amps. * It is typically used to trigger a larger magnetic contactor or to power small heaters directly. #### D. Communication (RS-485) Includes a transceiver chip that allows the unit to be linked to a PLC (Programmable Logic Controller) or HMI (Human Machine Interface) for remote monitoring and data logging. --- ### 3. Wiring Terminal Pinout (Standard DTB 4848) While you should always consult the manual for your specific revision, the general wiring layout for this 1/16 DIN series is: * **Terminals 1 & 2:** Power Input (AC 100-240V). * **Terminals 7, 8, 9:** Input Sensor (RTD or Thermocouple). * **Terminals 4 & 5:** Relay Control Output. * **Terminals 13 & 14:** RS-485 Communication (A+ / B-). --- ### 4. Comparison with Other Models | Model Type | Output Type | Best For | | :--- | :--- | :--- | | **8AT-N4-R** | **Relay** | Slow processes, high current switching. | | **8AT-N4-V** | **Voltage Pulse** | Fast switching (SSR - Solid State Relays). | | **8AT-N4-C** | **Current (4-20mA)** | Proportional valves or linear actuators. |
    ✨ Follow-up Questions
    • ⤷How do I wire a K-type thermocouple to the 8AT-N4-R?
    • ⤷ What is the difference between PID and On/Off control in this unit?
    • ⤷ How do I configure the RS-485 communication settings?