916125-RIGID
AI

Based on the technical specifications associated with the part number **916125** (commonly associated with RIGID high-performance LED lighting systems, specifically the **Radiance** and **Scene** series), here is a breakdown of its electronic architecture and components.
---
### 1. Core Electronic Components
The 916125 model utilizes a sophisticated Printed Circuit Board (PCB) designed to handle high thermal loads and provide stable current to the LEDs.
| Component | Function | Technical Detail |
| :--- | :--- | :--- |
| **LED Emitters** | Light Source | High-intensity surface-mount LEDs (typically OSRAM or Cree). |
| **Driver Circuit** | Regulation | Constant-current buck/boost driver to prevent flickering. |
| **TVS Diode** | Protection | Transient Voltage Suppression to protect against power surges. |
| **Thermal Pad** | Heat Management | Metal-core PCB (MCPCB) for rapid heat dissipation. |
| **Backlight Circuit** | Aesthetics | Independent secondary circuit for the "halo" or background glow. |
---
### 2. Electrical Specifications
The electronics are designed to operate within standard automotive and industrial power ranges.
* **Operating Voltage:** 9V - 36V DC (Compatible with 12V and 24V systems).
* **Current Draw:** Approximately 2.0A to 3.5A (varies based on specific configuration).
* **Reverse Polarity Protection:** Integrated diode protection to prevent damage if wired incorrectly.
* **RFI/EMI Filtering:** Integrated capacitors to prevent radio interference or buzzing in communication equipment.
---
### 3. Integrated Features
The electronic housing and circuitry include smart features to prolong the lifespan of the light:
1. **Active Thermal Management:** The internal driver monitors temperature and will slightly throttle current if the unit exceeds safe operating temperatures to prevent LED degradation.
2. **Integrated Wire Harness Interface:** Uses a multi-core shielded cable (usually 3-wire: Ground, Main Beam, and Backlight) to allow independent control of the lighting modes.
3. **GORE® Pressure Equalization Vent:** While mechanical, it protects the electronics by allowing the housing to "breathe," preventing moisture buildup that could short the circuit.
---
### 4. Wiring Diagram Concept
For the 916125 series, the electronic input is typically divided as follows:
```yaml
Red Wire: Positive (+) Main Projector LED
White Wire: Positive (+) Backlight / Accent LED
Black Wire: Common Ground (-)
```
- ⤷
What is the maximum wattage consumption for the 916125 model?
- ⤷ How do I wire the backlight independently from the main beam?
- ⤷ Is the 916125 compatible with PWM dimming controllers?