Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 920125-RIGID

  • AI
    The part number **920125-RIGID** typically refers to a high-performance **LED Light Bar** or **Wiring Harness component** manufactured by **Rigid Industries**, a leader in off-road lighting solutions. Below is a breakdown of the electronic components and technical specifications associated with this product line. --- ## 1. Electronic Component Overview Rigid Industries utilizes advanced circuitry to manage power and heat, ensuring the longevity of the LEDs. | Component | Description | Function | | :--- | :--- | :--- | | **LED Emitters** | High-intensity LED chips (Osram or Cree) | Converts electrical energy into light. | | **Driver Circuit** | Constant Current Driver | Regulates voltage fluctuations to prevent LED burnout. | | **Thermal Management** | Integrated Heat Sinks & Thermal Pads | Dissipates heat to maintain electronic efficiency. | | **Circuit Board (PCB)** | Metal Core Printed Circuit Board (MCPCB) | Provides structural support and superior heat transfer. | | **Protection** | RFI/EMI Protection | Prevents interference with radio and GPS equipment. | --- ## 2. Technical Specifications Most units in this series (such as the E-Series or Radiance lines) share these electronic characteristics: * **Input Voltage:** 9V - 36V DC (Compatible with 12V and 24V systems). * **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are swapped. * **Over/Under Voltage Protection:** Automatically shuts down the circuit if voltage levels become unsafe. * **IP Rating:** IP68 or IP69K (Dustproof and waterproof under high pressure). --- ## 3. Wiring and Connection The electronics are connected via a specific harness system designed for high-current draw. ```json { "connector_type": "Deutsch DT-Connector (2-pin)", "wire_gauge": "14 AWG or 16 AWG (depending on length)", "fuse_rating": "Typically 15A - 30A", "switch_type": "Illuminated Rocker Switch" } ``` ### Key Features of the Circuitry: 1. **GORE Pressure Equalizing Vent:** An electronic-grade vent that allows the housing to "breathe," preventing moisture buildup on the internal circuit board. 2. **Pulse Width Modulation (PWM):** Used in some models to control brightness levels or strobing effects without flickering. 3. **Low Power Consumption:** Optimized to provide maximum Lumens per Watt. --- ## 4. Maintenance & Troubleshooting If the electronic components fail, check these three areas: 1. **The Fuse:** Check if the inline fuse in the wiring harness has blown due to a power surge. 2. **Grounding:** Ensure the black wire is connected to a clean, paint-free metal surface. 3. **Relay:** Listen for a "click" when the switch is flipped; if no click occurs, the internal electromagnetic coil in the relay may be faulty.
    ✨ Follow-up Questions
    • ⤷ What is the specific wattage and amp draw for the 920125-RIGID model?
    • ⤷ Does this unit require a specific relay for 24V installations?
    • ⤷ How do I sync the electronic backlight feature with my vehicle's ignition?