932SQL450BKLF
AI

The **932SQL450BKLF** is a high-performance clock generator integrated circuit (IC), primarily designed for use in server and computing architectures. It is manufactured by Renesas Electronics (formerly IDT - Integrated Device Technology).
---
### ## Technical Overview
This chip is a part of the **PCle Gen2/Gen3** compliant clock family. It is specifically optimized to meet the stringent timing requirements of high-speed data buses.
### ### Key Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Clock Generator / Frequency Synthesizer |
| **Input Frequency** | 25 MHz (Crystal or Clock Input) |
| **Output Type** | HCSL (Host Clock Signal Level) / LP-HCSL |
| **Number of Outputs** | 8-19 (Depending on configuration/model variant) |
| **Package Type** | VFQFPN (Very Thin Fine Pitch Quad Flat No-Lead) |
| **Pin Count** | 64-pin |
| **Operating Voltage** | 3.3V |
---
### ## Core Functions and Features
1. **Low Power Consumption:** It utilizes low-power HCSL outputs which significantly reduce power consumption compared to traditional differential signaling.
2. **Spread Spectrum Support:** To reduce EMI (Electromagnetic Interference), the chip supports spread spectrum clocking.
3. **Programmable Logic:** The device can be configured via an **I2C interface**, allowing developers to enable or disable specific outputs or adjust frequency settings.
4. **PCIe Compliance:** Fully supports PCIe Gen1, Gen2, and Gen3 standards, ensuring low jitter and high signal integrity for high-speed data transfer.
---
### ## Pin Configuration Example
While the full datasheet contains 64 pins, the primary functional groups are categorized as follows:
```c
// Typical Signal Groups for 932SQL450BKLF
Group_1: VDD/GND (Power and Ground)
Group_2: X1/X2 (Crystal Input)
Group_3: DIF_OUT (Differential Clock Outputs)
Group_4: SCLK/SDATA (I2C Programming Interface)
Group_5: OE# (Output Enable pins)
```
---
### ## Applications
* **Servers:** Used in motherboards to provide synchronized timing for CPUs and RAM.
* **Networking Gear:** Switches and routers requiring high-speed PCIe synchronization.
* **Storage Systems:** SAN (Storage Area Networks) and high-speed SSD controllers.
- ⤷What are the specific jitter performance ratings for the 932SQL450BKLF?
- ⤷ How does the I2C interface configure the output frequencies?
- ⤷ What are the pin-compatible alternatives to this Renesas clock generator?