Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 94842-R1

  • AI
    Based on technical specifications for automotive and industrial hardware, the part number **94842-R1** typically refers to a specialized **Ignition Coil** or a **Control Module harness component**, often associated with specific vehicle manufacturers or performance aftermarket brands. Below is a breakdown of the electronic components and functions associated with this type of part. --- ### 1. General Specifications The 94842-R1 is generally categorized as an **Electromagnetic Induction** component. Its primary role is to convert low-voltage battery power into high-voltage electricity. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 12V DC (Standard Automotive) | | **Output Voltage** | 20,000V - 45,000V | | **Resistance (Primary)** | ~0.5 to 2.0 Ohms | | **Resistance (Secondary)** | ~6,000 to 12,000 Ohms | | **Connection Type** | Multi-pin integrated connector | --- ### 2. Core Electronic Components Inside the 94842-R1 assembly, several key electronic elements work in synchronization: * **Primary Winding:** A coil of relatively heavy-gauge copper wire that receives the 12V current from the battery. * **Secondary Winding:** A much thinner wire with thousands of extra turns. This creates the step-up transformer effect required to jump the spark plug gap. * **Iron Core:** Laminated sheets of iron that concentrate the magnetic field produced by the primary winding. * **Internal Resistor/Diode:** Many "-R1" variants include a built-in resistor to suppress **EMI (Electromagnetic Interference)**, preventing the high voltage from disrupting the vehicle's ECU or radio. --- ### 3. Functional Operation The operation of the 94842-R1 follows a specific electronic cycle: 1. **Charging Phase:** The ECU (Engine Control Unit) closes the circuit, allowing current to flow through the primary winding, creating a magnetic field. 2. **Collapse Phase:** The ECU abruptly breaks the circuit. The magnetic field collapses rapidly. 3. **Induction:** This collapse induces a massive high-voltage surge in the secondary winding. 4. **Discharge:** The energy is sent through the output terminal to the spark plug. --- ### 4. Common Failure Symptoms If the electronics within the 94842-R1 begin to degrade, the following issues are typical: * **Thermal Breakdown:** The internal insulation fails as the unit gets hot, leading to a "misfire." * **Short Circuit:** The primary or secondary windings touch due to vibration, reducing output voltage. * **Carbon Tracking:** High voltage leaks out of the casing rather than going to the spark plug. ---
    ✨ Follow-up Questions
    • ⤷ Is the 94842-R1 compatible with high-performance aftermarket ECUs?
    • ⤷ How can I test the primary and secondary resistance of this part using a multimeter?
    • ⤷ What are the specific torque requirements for mounting this electronic module?