970-TX..-DS/02
AI

The **970-TX..-DS/02** refers to a specific series of high-quality **PCB Terminal Blocks** manufactured by **WECO**. These components are essential in power electronics for bridging the gap between external wiring and a printed circuit board.
---
## 🟢 Technical Specifications
The "970-TX" series is characterized by its **Metric (5.0 mm)** or **Imperial (5.08 mm)** pitch and its robust wire-guard protection system.
| Feature | Specification |
| :--- | :--- |
| **Pitch** | 5.0 mm (0.197 in.) / 5.08 mm (0.20 in.) |
| **Current Rating** | Up to 15A |
| **Voltage Rating** | 300V (Standard) |
| **Wire Range** | 22 - 12 AWG (Solid or Stranded) |
| **Material** | Polyamide (PA) Housing, Tin-plated Brass Terminals |
| **Mounting Type** | Through-Hole (THT) |
| **Screw Type** | M3 Zinc-plated Steel |
---
## 🛠️ Component Breakdown
### 1. The "DS" Designation (Wire Protector)
The **-DS** suffix is critical. It stands for **"Wire Protector"** (Drahtschutz).
* Unlike cheaper models where the screw presses directly onto the copper wire (potentially shearing it), the DS version includes a stainless steel leaf spring.
* The screw pushes the spring, which then distributes pressure evenly across the wire. This is mandatory for using stranded wires without ferrules.
### 2. The "/02" Suffix
This denotes the **Number of Poles**.
* **/02** indicates a **2-position** terminal block.
* These are often "side-stackable," meaning you can slide multiple units together to create a longer strip (e.g., two 2-pole units to make a 4-pole connector).
### 3. Contact Geometry
* **Terminal:** Tin-plated copper alloy for low contact resistance and high corrosion resistance.
* **Solder Pins:** Designed with a specific length (usually 3.5mm) to ensure stable mechanical anchoring during wave soldering.
---
## 📐 Application Use Cases
This component is commonly found in:
1. **Industrial Controls:** Connecting sensors and actuators to PLCs.
2. **Power Supplies:** Input/Output stages for AC/DC converters.
3. **HVAC Systems:** Wiring for thermostats and motor controllers.
4. **DIY/Prototyping:** Widely used in "Ardu-shield" type boards due to the standard 5.0mm pitch.
---
## ⚠️ Installation Notes
* **Torque:** Do not exceed the recommended torque (typically **0.5 Nm**). Over-tightening can strip the plastic housing or the M3 screw threads.
* **Stripping Length:** Ensure the wire is stripped to approximately **5-6 mm** to prevent the insulation from getting caught under the wire protector.
- ⤷
What is the difference between the 5.0mm and 5.08mm pitch versions of this connector?
- ⤷ Can this terminal block handle high-frequency signals
- ⤷ or is it strictly for power?
- ⤷ Are there versions of the 970-TX that use a rising cage clamp instead of a wire protector?