Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 9953_

  • AI
    The **9953** designation in the electronics industry most commonly refers to the **Si9953** (or the updated **Si9953DY**), which is a specific type of integrated circuit used for power management. --- ### 1. Component Overview The 9953 is a **Dual P-Channel Enhancement Mode MOSFET**. It is designed to handle power switching applications while occupying minimal space on a circuit board. | Attribute | Specification | | :--- | :--- | | **Component Type** | MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) | | **Channel Type** | Dual P-Channel | | **Package Type** | SO-8 (Small Outline 8-pin) | | **Common Manufacturer** | Vishay Siliconix | ### 2. Technical Specifications (Typical) The following parameters define the performance limits of the Si9953DY: * **Drain-Source Voltage ($V_{DS}$):** -20V (Maximum) * **Continuous Drain Current ($I_D$):** Approximately -2.3A to -3.5A (depending on thermal conditions) * **On-Resistance ($R_{DS(on)}$):** Very low (typically ~0.115 $\Omega$ at 4.5V), which reduces power loss and heat. * **Gate-Source Voltage ($V_{GS}$):** ±20V ### 3. Pin Configuration (SO-8 Package) Since it is a **Dual** MOSFET, one 8-pin chip contains two independent transistors: | Pin Number | Function | | :--- | :--- | | 1 | Source 1 (S1) | | 2 | Gate 1 (G1) | | 3 | Source 2 (S2) | | 4 | Gate 2 (G2) | | 5, 6 | Drain 2 (D2) | | 7, 8 | Drain 1 (D1) | ### 4. Common Applications Because it is a P-Channel MOSFET, it is frequently used for "High-Side Switching." Common use cases include: * **Battery Management:** Controlling the charging/discharging paths in laptops or mobile devices. * **Load Switching:** Turning peripheral power on or off to save energy. * **DC/DC Converters:** Managing power flow in small power supply modules. ### 5. Code Example (Simulation/Modeling) If you are using this part in a SPICE simulation (like LTSpice), the component definition might look like this: ```spice * SPICE Model for Si9953DY .SUBCKT Si9953DY D G S M1 D G S S PMOS (L=1u W=1u) .MODEL PMOS PMOS (VTO=-1.0 KP=20u RS=0.05 RD=0.05) * (Note: Real models contain significantly more thermal and parasitic data) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an N-Channel and P-Channel MOSFET in a circuit?
    • ⤷ How do I test a Si9953 chip with a multimeter?
    • ⤷ What are the common failure symptoms of a power MOSFET?