Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • A-DF09-HOOD-WP-R

  • AI
    ## Analysis of A-DF09-HOOD-WP-R The part number **A-DF09-HOOD-WP-R** refers to a specific type of protective hardware used for D-Subminiature (D-Sub) connectors. Specifically, this is a **waterproof (IP-rated) backshell/hood** designed for 9-pin D-sub connectors. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the electronic and mechanical characteristics: | Code | Component Segment | Description | | :--- | :--- | :--- | | **A** | Manufacturer Series | Often associated with Assmann WSW Components or similar standard industrial series. | | **DF** | Connector Type | **D**-Sub **F**emale footprint/compatible (standard density). | | **09** | Position Count | Designed for **9-pin** connectors (typically DE-09 size). | | **HOOD** | Part Category | The outer protective shell (backshell) that houses the wires and connector. | | **WP** | Feature | **Waterproof** (Typically IP67 or IP68 rated). | | **R** | Compliance | **RoHS** compliant (Restriction of Hazardous Substances). | --- ### 2. Technical Specifications This part acts as the interface between a cable and a panel-mounted D-sub connector, providing environmental sealing. * **Material:** Usually Zinc die-cast or high-grade thermoplastic with a nickel or chrome plating for EMI/RFI shielding. * **Sealing Mechanism:** Includes internal rubber gaskets (O-rings) and grommets to prevent water ingress at the cable entry point and the mating interface. * **Mating:** Typically uses thumb screws (4-40 UNC) to secure the connection to a female/male counterpart. * **Environmental Protection:** Designed to meet **IP67** standards, meaning it is dust-tight and protected against immersion in water up to 1 meter. --- ### 3. Key Electronic Functions While the hood itself is a mechanical housing, it performs critical electronic roles: 1. **EMI/RFI Shielding:** The metalized surface acts as a Faraday cage, protecting the internal data signals from electromagnetic interference. 2. **Strain Relief:** Prevents physical tension on the soldered or crimped wire connections inside the connector. 3. **Grounding:** Provides a path to ground through the connector shell if the cable shield is properly terminated to the hood. --- ### 4. Application Use Cases * **Industrial Automation:** Sensors and controllers in wash-down environments. * **Marine Electronics:** Communication equipment exposed to spray or humidity. * **Outdoor Telecommunications:** Data logging or networking equipment mounted externally. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific IP rating (IP67 or IP68) for the A-DF09-HOOD-WP-R?
    • ⤷ Does this hood require a specific type of waterproof D-sub connector to maintain the seal?
    • ⤷ What is the maximum cable diameter supported by the WP-R series grommets?