A-DFXXLL-WP-R
AI

## Electronic Analysis of A-DFXXLL-WP-R
The part number **A-DFXXLL-WP-R** typically refers to a specialized D-Sub connector series manufactured by **Assmann WSW Components**. This specific series is engineered for environmental resilience, particularly in industrial or outdoor settings.
---
### 1. Part Number Breakdown
The alphanumeric code provides specific details regarding the construction and electrical properties:
| Segment | Meaning | Details |
| :--- | :--- | :--- |
| **A-DF** | Series Prefix | High-Density D-Sub Filtered or Standard D-Sub |
| **XX** | Pin Count | Represents the number of positions (e.g., 09, 15, 25, 37) |
| **LL** | Gender/Type | Typically denotes Socket (Female) with specific tail lengths |
| **WP** | Water Proof | Indicates an **IP67/IP68** rated environmental seal |
| **R** | RoHS | Compliant with Restriction of Hazardous Substances |
---
### 2. Key Technical Specifications
While specific data varies based on the pin count (XX), the general electrical and mechanical characteristics for the **WP (Waterproof)** series are as follows:
* **Current Rating:** 3A to 5A per contact.
* **Voltage Rating:** 250V AC/DC.
* **Contact Resistance:** < 20 mΩ.
* **Insulation Resistance:** > 5000 MΩ at 500V DC.
* **Operating Temperature:** -55°C to +105°C.
* **Ingress Protection:** IP67 (Dust-tight and protected against immersion).
---
### 3. Structural Components
The "WP" version includes specialized electronic and mechanical parts to ensure a seal:
1. **O-Ring Seal:** Usually made of silicone or EPDM, located at the flange to prevent liquid entry into the panel cutout.
2. **Epoxy Sealing:** The rear of the connector (where the solder cups or pins are located) is potted with an epoxy resin to prevent "wicking" of moisture through the connector body.
3. **Gold Plated Contacts:** High-quality copper alloy with gold plating to prevent oxidation in humid environments.
4. **Nickel-Plated Shell:** Cold-rolled steel with nickel plating for superior EMI/RFI shielding and corrosion resistance.
---
### 4. Typical Applications
Due to the waterproof and rugged nature of this component, it is commonly found in:
* **Marine Electronics:** GPS and sonar equipment.
* **Outdoor Telecommunications:** Base stations and routers.
* **Industrial Automation:** CNC machines and sensors exposed to cutting fluids.
* **Medical Equipment:** Devices requiring frequent sanitization or wash-downs.
---
- ⤷
What are the specific mounting options for the A-DF series (e.g.
- ⤷ PCB mount vs. Panel mount)?
- ⤷ Does the 'WP' rating include protection against high-pressure steam cleaning (IP69K)?
- ⤷ What is the standard thickness of the gold plating on the contacts for this series?