A-DSF15LPIII-FP-R
AI

The **A-DSF15LPIII-FP-R** is a specific electronic connector manufactured by **ASSMANN WSW Components**. It belongs to the D-Subminiature family, commonly used in computing, industrial controls, and networking.
---
### 1. Technical Specifications
Below are the core technical attributes of this component:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | D-Subminiature |
| **Number of Positions** | 15 Pins |
| **Gender** | Female (Socket) |
| **Mounting Type** | Through Hole, Right Angle |
| **Termination** | Solder |
| **Shell Size** | DA (Standard 15-pin size) |
| **Contact Material** | Copper Alloy |
| **Contact Finish** | Gold Plated |
| **RoHS Status** | Compliant (R-suffix) |
---
### 2. Key Design Features
* **Right Angle Orientation:** The "LPIII" designation typically refers to the low-profile, right-angle design. This is ideal for PCB (Printed Circuit Board) mounting where vertical space is limited.
* **15-Pin Layout:** Standard density 15-pin configuration, often used for game ports or legacy VGA connections (though VGA usually uses High-Density 15-pin).
* **Front Panel Mounting:** The "FP" in the part number indicates features for front panel mounting, often including threaded inserts or specific flange geometries to secure the connector to a chassis.
* **Durability:** The gold plating on the contacts ensures high conductivity and prevents oxidation over long periods of use.
---
### 3. Common Applications
This part is frequently found in:
1. **Industrial Machinery:** For RS-232/RS-422 serial communication interfaces.
2. **Telecommunications:** Signal routing and data transmission.
3. **Legacy Computing:** Connecting peripherals such as joysticks or older MIDI devices.
4. **Test Equipment:** Interface ports for diagnostic tools.
---
### 4. Dimensional Representation (Typical)
```markdown
[ Front View ] [ Side View ]
_________________ ____
/ o o o o o o o \ | |
| o o o o o o o o | |____|__ <-- PCB Surface
\_________________/ || <-- Solder Pins
```
---
- ⤷
What is the difference between standard density and high density 15-pin connectors?
- ⤷ Does this connector come with mounting hardware like hex nuts or screws?
- ⤷ What are the voltage and current ratings for this specific D-Sub connector?