A-FT15-R
AI

The **A-FT15-R** is a specific electronic component typically identified as a **flexible flat cable (FFC) connector** or a high-speed interface part, often produced by manufacturers like JAE or similar specialists in interconnect solutions. It is designed for compact electronic assemblies where space is limited.
---
### 1. Technical Specifications
The following table outlines the general technical characteristics associated with this part series:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | FFC/FPC Connector |
| **Pitch (Spacing)** | 0.3mm to 0.5mm (Series dependent) |
| **Number of Contacts** | 15 Pins |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Orientation** | Right Angle (Horizontal) |
| **Contact Material** | Copper Alloy (often Gold-plated) |
| **Voltage Rating** | 50V AC/DC |
---
### 2. Key Features
* **ZIF/Non-ZIF Mechanism:** Most parts in this category utilize a **Zero Insertion Force (ZIF)** actuator (flip-lock or slider), which ensures the ribbon cable is held securely without damaging the delicate traces.
* **Low Profile:** The "A-FT" series is designed for thin devices like smartphones, tablets, and laptops, keeping the height of the connector to a minimum.
* **High-Speed Data:** These connectors are engineered to handle high-frequency signals, making them suitable for display interfaces (LVDS/eDP).
* **Durability:** Gold plating on the contacts prevents oxidation and ensures stable electrical conductivity over the lifespan of the device.
---
### 3. Common Applications
The A-FT15-R is widely used in sectors requiring miniaturization:
1. **Consumer Electronics:** Connecting LCD/OLED screens to motherboards in handheld devices.
2. **Medical Equipment:** Internal wiring for portable diagnostic tools.
3. **Automotive:** Connection points for infotainment head units and dashboard sensors.
4. **Computing:** Linking trackpads, keyboards, or biometric scanners to the main PCB.
---
### 4. Installation & Handling Precautions
When working with these electronic parts, observe the following:
* **ESD Protection:** Always use an anti-static wrist strap, as the small pitch makes the pins vulnerable to static discharge.
* **Actuator Care:** Use a plastic spudger to open the locking flap. Applying too much force with metal tools can snap the plastic hinge.
* **Cable Alignment:** Ensure the FFC/FPC cable is inserted perfectly straight to prevent short circuits between the 15 pins.
- ⤷
What is the exact pitch measurement for the A-FT15-R variant?
- ⤷ Is there a vertical mount alternative for this connector?
- ⤷ Which manufacturers are the primary suppliers for the A-FT series?