A-LED8-1GAAS-MR7-1-R
AI

The part number **A-LED8-1GAAS-MR7-1-R** typically refers to a high-density, multi-segment **LED Display Module**, often used in industrial panels, audio equipment, or status indicators.
Below is a breakdown of the electronic specifications and characteristics based on the standard nomenclature for this series.
---
### 1. Part Number Deciphering
| Segment | Interpretation | Description |
| :--- | :--- | :--- |
| **A-LED8** | Series Family | Standard 8-segment or multi-digit LED display series. |
| **1** | Digit Count | Usually indicates a single-digit or specific module configuration. |
| **GAAS** | Material | Gallium Arsenide (GaAs) - indicates the semiconductor type. |
| **MR7** | Color/Intensity | Often signifies **Super Bright Red** (approx. 630-660nm). |
| **1-R** | Revision/RoHS | Indicates the revision level and RoHS compliance (Lead-Free). |
---
### 2. Technical Specifications
These modules are designed for low power consumption and high visibility.
* **Display Type:** Seven-segment (plus decimal point) or specific bar-graph array.
* **Common Cathode/Anode:** Most "R" suffix models in this category are **Common Anode**, but this should be verified via the specific wiring diagram.
* **Forward Voltage ($V_f$):** Typically **1.8V to 2.2V** per segment.
* **Forward Current ($I_f$):** Usually **20mA** nominal; pulse currents can go higher.
* **Luminous Intensity:** High efficiency, designed for daylight readability.
* **Operating Temperature:** -40°C to +85°C.
---
### 3. Key Electronic Components & Integration
To use this part in a circuit, the following electronic considerations apply:
#### Current Limiting Resistors
Because LEDs are current-driven devices, you must use resistors to prevent burnout.
`R = (V_supply - V_f) / I_f`
* *Example:* For a 5V supply and 20mA current: $(5V - 2.0V) / 0.02A = 150 \Omega$.
#### Driving Logic
* **Direct Drive:** Using a microcontroller (like Arduino or ESP32) with a resistor on each segment pin.
* **Multiplexed Drive:** Using a dedicated LED driver IC (like the **MAX7219** or **74HC595** shift register) to save GPIO pins.
---
### 4. Physical Dimensions (Typical)
| Feature | Measurement (Approx.) |
| :--- | :--- |
| **Character Height** | 0.30 inches (7.62 mm) to 0.56 inches (14.2 mm) |
| **Package Type** | Through-hole (DIP) with 10-14 pins |
| **Surface Color** | Black or Grey face with White segments (for contrast) |
---
- ⤷
What is the pinout configuration for the A-LED8 series?
- ⤷ Is this specific model common anode or common cathode?
- ⤷ What is the peak wavelength for the MR7 color code?