A-MCSP-80020-AP-R
AI

The part number **A-MCSP-80020-AP-R** typically refers to a high-performance **Modular Cable/Modular Plug** or **Patch Cord** component, often manufactured by companies like **ASSMANN WSW Components**.
Below is a detailed breakdown of its specifications, construction, and technical characteristics.
---
### 1. General Specifications
This component is primarily used in networking and telecommunications for data transmission.
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Modular Patch Cord / Ethernet Cable |
| **Connector Type** | RJ45 (8P8C) to RJ45 (8P8C) |
| **Category** | Cat6 (Commonly) |
| **Shielding** | S/FTP (Shielded Foiled Twisted Pair) |
| **Length** | 2.0 Meters (Indicated by "0020") |
| **Color** | Purple (Indicated by "AP") |
---
### 2. Technical Breakdown of the Part Number
The alphanumeric string follows a specific coding logic used by the manufacturer:
* **A-MCSP**: Product series prefix (Modular Cable, Shielded Patch).
* **80020**: The "8" denotes the cable category/standard, and "0020" represents the length in centimeters (200cm = 2m).
* **AP**: Color code. In the Assmann nomenclature, "AP" often signifies **Purple** (A-Purple).
* **R**: Compliance suffix, typically indicating **RoHS** (Restriction of Hazardous Substances) compliant.
---
### 3. Physical & Electrical Construction
#### Cable Structure
* **Conductor**: Multi-stranded copper wire (typically 26/7 AWG or 27/7 AWG) providing flexibility for patch applications.
* **Shielding**: Individual foil shielding for each pair (PIMF - Pair In Metal Foil) plus an overall braid shield. This provides excellent protection against Electromagnetic Interference (EMI) and Cross-talk.
* **Jacket Material**: Usually **LSZH** (Low Smoke Zero Halogen) or PVC, depending on the specific sub-version, though "R" series often lean toward LSZH for safety.
#### Connectors
* **Plating**: Gold plating on the contacts (typically 3µ" to 50µ") to ensure high conductivity and prevent oxidation.
* **Molded Boot**: Features a "Snagless" design or strain relief boot to protect the RJ45 clip from breaking during installation.
---
### 4. Application Areas
* **Data Centers**: Connection between servers and switches.
* **Telecommunications**: High-speed internet distribution in offices.
* **Industrial**: Environments with high electronic noise where shielding is mandatory.
- ⤷
Does this specific part number support Power over Ethernet (PoE)?
- ⤷ What is the difference between S/FTP and UTP in this cable series?
- ⤷ Are there other color variants available for the 2-meter length?