Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • A-MCSP-80020-R

  • AI
    The **A-MCSP-80020-R** is a specific networking component manufactured by **Assmann WSW Components**. It is an 8P8C (RJ45) modular plug designed for high-speed data transmission. --- ### ## Technical Specifications The following table outlines the primary electrical and physical characteristics of the A-MCSP-80020-R: | Feature | Specification | | :--- | :--- | | **Component Type** | Modular Plug (RJ45 / 8P8C) | | **Category Rating** | Cat6 (Category 6) | | **Shielding** | Shielded (STP/FTP) | | **Contact Plating** | Gold Plating (typically 50μ") | | **Orientation** | Straight / Male | | **Cable Compatibility** | Round Cable | | **Mounting Type** | Free Hanging (In-Line) | --- ### ### Key Electronic & Structural Features #### 1. Signal Integrity (Cat6) The internal geometry of the "R" series (Round cable) is engineered to maintain pair twists as close to the contact point as possible. This minimizes **Near-End Crosstalk (NEXT)** and ensures the part meets 1Gbps (Gigabit) performance standards. #### 2. Shielding Properties The "S" in the part number indicates a **Shielded** construction. This includes a metal outer shell that: * Reduces **Electromagnetic Interference (EMI)**. * Provides a ground path when used with shielded twisted pair (STP) cabling. * Protects data signals from high-frequency noise in industrial or dense server environments. #### 3. Contact Construction * **Phosphor Bronze Base:** Provides excellent elasticity and conductivity. * **Gold Over Nickel Plating:** Prevents oxidation and ensures low contact resistance over the life of the connector (typically rated for 750+ mating cycles). #### 4. Compatibility * **Wire Gauge:** Designed for 24-26 AWG stranded or solid wires. * **Boot Compatibility:** Usually used with a strain-relief boot to prevent cable fatigue at the termination point. --- ### ### Typical Application Circuitry While the plug itself is passive, its integration into a system follows standard TIA/EIA wiring: ```text Pin 1: White/Orange (TX+) Pin 2: Orange (TX-) Pin 3: White/Green (RX+) Pin 4: Blue Pin 5: White/Blue Pin 6: Green (RX-) Pin 7: White/Brown Pin 8: Brown Shield: Connected to Drain Wire/External Braid ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' version and the 'F' version for Assmann plugs?
    • ⤷ Which crimping tool is recommended for shielded Assmann RJ45 connectors?
    • ⤷ How does the gold plating thickness affect the longevity of this part?