A-MCSP-80100-B-R
AI

The **A-MCSP-80100-B-R** is a specific electronic component typically manufactured by **Assmann WSW Components**. It belongs to the category of **Modular Connectors**, specifically designed for networking and telecommunications.
---
### 1. General Product Specifications
This part is a high-performance RJ45 modular plug designed for Category 6 (Cat6) or Cat6A applications, often used in building custom patch cables or network interfaces.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Modular Plug (Connector) |
| **Connector Type** | RJ45 (8P8C - 8 Positions, 8 Contacts) |
| **Category Rating** | Cat6 / Cat6A |
| **Shielding** | Shielded (STP/FTP) |
| **Mounting Type** | Cable Mount (IDC / Crimp) |
| **Contact Plating** | Gold (typically 50µ") |
| **Housing Material** | Polycarbonate (UL94V-0 rated) |
---
### 2. Detailed Technical Breakdown
#### A. Contact Configuration
* **8P8C:** It features 8 positions and 8 gold-plated contacts. The gold plating is crucial for preventing oxidation and ensuring low contact resistance over time.
* **Three-Prong Blade:** The internal contacts usually feature a three-prong design, which allows the connector to be used with both **solid** and **stranded** wires.
#### B. Shielding (The "S" in MCSP)
* The "S" in the part number indicates it is **Shielded**.
* It features a metal outer shell (usually brass with nickel plating) that connects to the drain wire of a shielded Ethernet cable. This provides protection against **Electromagnetic Interference (EMI)** and **Crossover**.
#### C. Physical Design
* **Load Bar:** This part typically includes a "load bar" or "wire guide." Because Cat6 wires are thicker than Cat5e, the load bar helps align the wires in a staggered pattern to minimize internal crosstalk before crimping.
* **Boot Compatibility:** Designed to be used with specific strain-relief boots to protect the locking tab and maintain the bend radius of the cable.
---
### 3. Part Number Breakdown (Generic Mapping)
While manufacturers have unique codes, the Assmann WSW nomenclature usually follows this logic:
* **A-MC:** Assmann Modular Connector.
* **S:** Shielded.
* **P:** Plug.
* **80100:** Specific series/dimensional identifier for Cat6 high-performance.
* **B:** Bulk/Basic packaging or specific color code.
* **R:** RoHS Compliant (Lead-free).
---
### 4. Application Use Cases
* **High-Speed Networking:** 10GBASE-T Ethernet applications.
* **Industrial Environments:** Where EMI/RFI interference is high and shielding is required.
* **Custom Patch Cords:** Used by technicians to create exact-length cables for server racks.
- ⤷
What is the difference between this Cat6 connector and a standard Cat5e RJ45 plug?
- ⤷ Which crimping tool is recommended for shielded RJ45 connectors like the 80100 series?
- ⤷ Does this connector support PoE (Power over Ethernet) applications?