A-MCSP-80150-R
AI

The **A-MCSP-80150-R** is a high-performance, modular patch cable/connector assembly, typically manufactured by **Assmann WSW Components**. It is primarily used in networking and telecommunications for high-speed data transmission.
### 1. Technical Specifications
Below are the primary electronic and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C) |
| **Category** | Cat6 (Gigabit Ethernet) |
| **Shielding** | S/FTP (Shielded Foiled Twisted Pair) |
| **Length** | 15.0 Meters |
| **Color** | Red |
| **Contact Plating** | Gold Plated |
| **Conductor Material** | Copper (High Conductivity) |
---
### 2. Key Component Features
#### A. Shielding (S/FTP)
The "S/FTP" designation means the cable features an overall braid shield around the entire bundle, and each individual pair is wrapped in foil.
* **EMI Protection:** Significantly reduces Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI).
* **Alien Crosstalk:** Virtually eliminates crosstalk between adjacent cables in dense server racks.
#### B. Gold-Plated Contacts
The RJ45 connectors use gold plating on the contact pins.
* **Oxidation Resistance:** Prevents rust and corrosion over time.
* **Signal Integrity:** Ensures low contact resistance for stable high-frequency data transmission.
#### C. Cat6 Performance
Designed to handle frequencies up to **250 MHz**, this part supports 10/100/1000 Base-T (Gigabit Ethernet) and is capable of supporting 10GBASE-T over shorter distances.
---
### 3. Application Use Cases
* **Data Centers:** Connecting servers to top-of-rack switches where high shielding is required due to cable density.
* **Industrial Environments:** Areas with high electrical noise from machinery.
* **Telecommunications:** Structured cabling in office environments requiring long-distance (15m) runs.
---
### 4. Part Number Breakdown (Typical)
| Code Segment | Meaning |
| :--- | :--- |
| **A-MCSP** | Modular Cable, Shielded Patch |
| **80150** | Length indicator (150 decimeters / 15 Meters) |
| **R** | Color Code (Red) |
- ⤷
What is the difference between S/FTP and UTP shielding in these cables?
- ⤷ Can this cable be used for Power over Ethernet (PoE) applications?
- ⤷ What is the maximum frequency range supported by the A-MCSP series?