A-MCSP-80200-R
AI

### A-MCSP-80200-R: Product Overview
The **A-MCSP-80200-R** is a specific electronic networking component manufactured by **ASSMANN WSW Components**. It belongs to the category of **Modular Connectors (Patch Cables)**, specifically designed for high-speed Ethernet connectivity.
---
### 1. Technical Specifications
Below are the primary electronic and physical specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Cable Type** | Cat6 (Category 6) |
| **Connector Type** | RJ45 (8P8C) to RJ45 (8P8C) |
| **Shielding** | S/FTP (Screened Foiled Twisted Pair) |
| **Length** | 20.0 Meters (approx. 65.6 feet) |
| **Color** | Red |
| **Jacket Material** | LSZH (Low Smoke Zero Halogen) |
| **Wire Gauge** | 27 AWG |
| **Frequency Support** | Up to 250 MHz |
---
### 2. Key Electronic Components & Design
#### A. The S/FTP Shielding
The "S/FTP" designation is the most critical electronic feature of this cable:
* **Individual Shielding:** Each of the four twisted pairs is wrapped in foil to prevent **Crosstalk** (interference between adjacent pairs).
* **Outer Braid:** An overall tinned copper braid surrounds all pairs, providing protection against **EMI (Electromagnetic Interference)** and RFI (Radio Frequency Interference).
#### B. Cat6 Performance
As a Category 6 component, it is engineered to handle data transfer speeds up to **1 Gbps (1000BASE-T)** over the full 20-meter length, and can theoretically support 10 Gbps at shorter distances. The internal structure typically includes a plastic "spline" or separator to maintain wire geometry and reduce signal degradation.
#### C. LSZH Jacket (Low Smoke Zero Halogen)
The electronic insulation is made from LSZH material. In the event of a fire or electrical short causing overheating, this material emits limited smoke and no toxic halogen gases, making it safer for high-density data centers or poorly ventilated areas.
---
### 3. Applications
* **High-Interference Environments:** Ideal for industrial settings or server rooms where electrical noise from machinery or power cables is high.
* **Networking Hardware:** Used to connect Patch Panels, Switches, Routers, and Servers.
* **Long-Distance Runs:** At 20 meters, it is designed for connecting devices across large rooms or between different racks.
---
- ⤷
What is the difference between S/FTP and UTP shielding in networking cables?
- ⤷ How does 27 AWG wire gauge affect signal attenuation over a 20-meter length?
- ⤷ Does the A-MCSP-80200-R support Power over Ethernet (PoE)?