Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • A-MCSSP60010-Y-R

  • AI
    The **A-MCSSP60010-Y-R** is a specific networking component, typically identified as a **Shielded Cat6 Patch Cable** (often associated with manufacturers like ASSMANN WSW Components). It is designed for high-speed data transmission and protection against electromagnetic interference. --- ### 1. Technical Specifications Below are the primary electronic and physical characteristics of this part: | Feature | Specification | | :--- | :--- | | **Category** | Cat6 (Category 6) | | **Connector Type** | RJ45 (8P8C) | | **Shielding Type** | S/FTP (Screened/Foiled Twisted Pair) | | **Wire Gauge** | 26 AWG | | **Length** | 1.0 Meter (approx. 3.28 ft) | | **Color** | Yellow | | **Contact Plating** | Gold Plating (usually 3µ" to 50µ") | | **Jacket Material** | PVC or LSZH (Low Smoke Zero Halogen) | --- ### 2. Key Electronic Components #### A. Twisted Pair Wiring The cable contains four pairs of copper wires. In Cat6 specifications, these pairs are twisted tightly to minimize **crosstalk** (signal bleeding between wires) and allow for frequencies up to **250 MHz**. #### B. Shielding (S/FTP) The "S/FTP" designation is crucial for its electronic performance: * **Outer Shield (S):** An overall braid screen protects the entire cable from external Electromagnetic Interference (EMI). * **Inner Foil (FTP):** Each individual pair is wrapped in foil to prevent internal interference between the pairs. #### C. Gold-Plated Contacts The RJ45 connectors use gold-plated pins. Gold is used because it is highly conductive and does not corrode (oxidize) over time, ensuring a stable electronic connection even in humid environments. --- ### 3. Performance Capabilities This part is designed to support the following networking standards: * **10BASE-T / 100BASE-TX:** Legacy Ethernet speeds. * **1000BASE-T (Gigabit Ethernet):** Standard high-speed data transfer. * **10GBASE-T:** Can support 10-Gigabit speeds over shorter distances (depending on environmental conditions). * **PoE / PoE+:** Capable of carrying Power over Ethernet to drive devices like IP cameras or VoIP phones. --- ### 4. Application Use Cases * **Data Centers:** High-density patching where EMI from power cables is a concern. * **Industrial Environments:** Protection against interference from heavy machinery. * **Home/Office Labs:** Reliable Gigabit connections for servers and workstations.
    ✨ Follow-up Questions
    • ⤷ What is the difference between UTP and S/FTP shielding in networking cables?
    • ⤷ Can this cable be used for Power over Ethernet (PoE) applications?
    • ⤷ How does 26 AWG wire gauge affect signal attenuation over long distances?