A-MCSSP60020-G-R
AI

The **A-MCSSP60020-G-R** is a specific networking component, typically identified as a high-quality **Modular Plug (RJ45 connector)** designed for high-speed Ethernet applications. It is commonly manufactured by **Assmann WSW Components**.
---
### 1. Technical Specifications
The part is engineered for specific performance standards, primarily focusing on Cat6 and Cat6A data transmission.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | RJ45 (8P8C) |
| **Category Rating** | Cat6 / Cat6A |
| **Shielding** | Shielded (STP/FTP) |
| **Mounting Type** | Cable Mount (Plug) |
| **Plating** | 50µ" Gold Plating (on contacts) |
| **Wire Gauge** | 24-26 AWG (Standard) |
| **Housing Material** | Polycarbonate (Clear) |
| **Shield Material** | Brass with Nickel Plating |
---
### 2. Breakdown of the Part Number
While internal manufacturer codes vary, the alphanumeric segments generally represent the following:
* **A-MCSSP**: Refers to the series (Assmann Modular Connector Shielded).
* **60020**: Designates the specific mold, pin configuration, and Category 6 compliance.
* **G**: Often indicates **Gold Plating** thickness (typically 50 micro-inches for industrial reliability).
* **R**: Generally signifies **RoHS Compliance** (Restriction of Hazardous Substances).
---
### 3. Key Electronic & Mechanical Characteristics
#### A. Shielding (STP)
The "S" in the part series indicates it is a **Shielded** connector. It features a metal outer shell that wraps around the plastic housing. This is crucial for:
* Reducing EMI (Electromagnetic Interference).
* Maintaining signal integrity in environments with high electrical noise (factories, server rooms).
#### B. Gold Plating
The contacts are plated with **50 micro-inches of gold**. This is the highest standard for RJ45 connectors, ensuring:
* Resistance to corrosion/oxidation over time.
* Low contact resistance for stable data transmission.
* Durability for multiple mating cycles.
#### C. Three-Prong Contact Design
Typically, these high-performance plugs use a **three-prong contact** layout. This allows the pins to pierce the insulation of both **solid** and **stranded** copper wires effectively, ensuring a gas-tight connection.
---
### 4. Typical Applications
* **Data Centers:** High-speed server-to-switch patching.
* **Industrial Ethernet:** Connecting machinery where shielding is required.
* **Custom Patch Cables:** Used by technicians to create bespoke lengths of Cat6/6A shielded cabling.
- ⤷
What is the difference between this Cat6 shielded plug and a standard unshielded Cat5e plug?
- ⤷ What specific crimping tool is recommended for this shielded RJ45 connector?
- ⤷ Can this connector be used with PoE (Power over Ethernet) applications?