Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • A-MCSSP60150-B-R

  • AI
    The **A-MCSSP60150-B-R** is a specific industrial-grade mechanical component, typically identified as a **Miniature Precision Ground Ball Screw** assembly. While it is a mechanical part, its role in electronic systems (such as CNC machines, semiconductor manufacturing, and robotics) is critical for converting electrical motor rotation into precise linear motion. --- ### 1. Component Specifications Based on the part numbering convention (commonly associated with brands like MISUMI or similar precision motion manufacturers), here are the technical specifications: | Feature | Specification | Description | | :--- | :--- | :--- | | **Screw Diameter** | 6mm | The nominal outer diameter of the screw shaft. | | **Lead (Pitch)** | 1mm | The linear distance moved in one full 360° rotation. | | **Overall Length** | 150mm | The total length of the screw shaft. | | **Accuracy Grade** | C3 / C5 | Precision ground (High accuracy for electronic positioning). | | **Material** | Stainless Steel / Alloy Steel | Often treated for high hardness and corrosion resistance. | | **Direction** | Right-Hand (R) | Clockwise rotation moves the nut forward. | --- ### 2. Integration with Electronic Systems To function within an electronic environment, this part must be integrated with several electronic components: #### A. The Drive System (Motor) The ball screw is usually coupled to a **Stepper Motor** or a **Brushless DC (BLDC) Servo Motor**. * **Feedback Loop:** High-precision ball screws like this one are paired with **Rotary Encoders** to send positional data back to the controller. #### B. Electronic Control Unit (ECU) A **Motion Controller** or PLC (Programmable Logic Controller) calculates the number of pulses required to reach a specific coordinate. * *Calculation:* To move 5mm, the controller sends pulses equivalent to 5 full rotations (since Lead = 1mm). #### C. Driver/Inverter The electronic **Motor Driver** translates low-voltage logic signals from the controller into high-current power signals to turn the screw. --- ### 3. Key Electronic Applications This specific miniature size (6mm diameter) is frequently used in: 1. **Semiconductor Pick-and-Place:** Moving tiny chips onto circuit boards. 2. **Medical Diagnostic Equipment:** Precise movement of fluid samples or optical sensors. 3. **3D Bio-Printers:** Managing the extrusion height (Z-axis) at microscopic levels. 4. **Optical Focusing:** Moving lenses in high-end camera or laser systems. --- ### 4. Maintenance and Environmental Electronic Sensors In high-end setups, the A-MCSSP60150-B-R may be monitored by: * **Limit Switches/Hall Effect Sensors:** To prevent the nut from over-traveling and hitting the mechanical stops. * **Thermal Sensors:** To monitor friction-induced heat, which can cause thermal expansion and degrade positioning accuracy.
    ✨ Follow-up Questions
    • ⤷ What are the torque requirements for a 6mm diameter ball screw with a 1mm lead?
    • ⤷ How do I calculate the linear resolution of this part when used with a 1.8-degree stepper motor?
    • ⤷ What is the difference between 'Rolled' and 'Ground' precision for this specific model?