A-MCSSP60150-Y-R
AI

The **A-MCSSP60150-Y-R** is a specific electronic component, typically classified as a **Modular Plug (RJ45)** designed for high-speed networking applications. Based on standard industry nomenclature (often associated with brands like Assmann WSW), this part is a shielded connector used for terminating Ethernet cables.
---
## 🛑 Technical Specifications
The following table summarizes the key electronic and physical characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Modular Plug (RJ45 / 8P8C) |
| **Shielding** | Shielded (Metal Shell) |
| **Performance Category** | Cat6 / Cat6a (High Speed) |
| **Contact Plating** | Gold Plating (typically 30µ" to 50µ") |
| **Wire Gauge Support** | 24 - 26 AWG (Stranded/Solid) |
| **Orientation** | Straight / Male |
| **RoHS Status** | Compliant (R-suffix) |
---
## 🛠️ Detailed Breakdown of the Part Number
The alphanumeric string provides specific details about the component's construction:
### 1. A-MCSSP
* **A**: Often denotes the manufacturer prefix.
* **MC**: Modular Connector.
* **SS**: **S**hielded **S**hell. This indicates the part has a metal casing to protect against Electromagnetic Interference (EMI).
* **P**: Plug (Male connector).
### 2. 60150
* **6**: Indicates the Category rating (Cat6).
* **0150**: Internal manufacturer series code or package quantity indicator.
### 3. Y-R
* **Y**: Typically refers to the plating type (Yellow/Gold) or a specific round cable entry design.
* **R**: Indicates **RoHS Compliance**, meaning the part is free from lead and other hazardous substances.
---
## 🔌 Electronic Properties
1. **Signal Integrity**: Because it is Cat6 rated and shielded, it supports data transfer rates up to 10 Gbps at short distances and significantly reduces "crosstalk" between internal wire pairs.
2. **Contact Resistance**: Designed for low resistance (typically < 20 mΩ) to ensure minimal signal loss.
3. **Insulation Resistance**: High threshold (usually > 500 MΩ) to prevent current leakage between the 8 pins.
4. **Voltage Rating**: Generally rated for 150V AC/DC, sufficient for Power over Ethernet (PoE) applications.
---
## 📦 Common Applications
* **STP (Shielded Twisted Pair) Cables**: Used in environments with high electrical noise (factories, server rooms).
* **Patch Cord Manufacturing**: Used by technicians to create custom-length Ethernet cables.
* **Networking Hardware**: Connecting workstations to switches or routers.
- ⤷
What are the specific crimping tool requirements for this shielded RJ45 plug?
- ⤷ How does this 'SS' shielded version compare to the 'U' unshielded version in terms of signal noise?
- ⤷ Is this connector compatible with Cat6A 10-Gigabit Ethernet standards?